| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM8S005C6 Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S005C6 Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 97 page ![]() Pinouts and pin descriptions STM8S005C6 STM8S005K6 24/97 DocID022186 Rev 4 22 16 PB0/AIN0 [TIM1_ CH1N] I/O X XX O1 X X Port B0 Analog input 0 TIM1_ CH1N [AFR5] 23 - PE7/AIN8 I/O X XX O1 X X Port E7 Analog input 8 24 - PE6/AIN9 I/O X XX O1 X X Port E6 Analog input 9 25 17 PE5/SPI_NSS I/O X XX O1 X X Port E5 SPI master/slave select 26 18 PC1/TIM1_CH1/ UART2_CK I/O X XX HS O3 X X Port C1 Timer 1 - channel 1/UART2 synchronous clock 27 19 PC2/TIM1_CH2 I/O X XX HS O3 X X Port C2 Timer 1- channel 2 28 20 PC3/TIM1_CH3 I/O X XX HS O3 X X Port C3 Timer 1 - channel 3 29 21 PC4/TIM1_CH4 I/O X XX HS O3 X X Port C4 Timer 1 - channel 4 30 22 PC5/SPI_SCK I/O X XX HS O3 X X Port C5 SPI clock 31 - VSSIO_2 S I/O ground 32 - VDDIO_2 S I/O power supply 33 23 PC6/SPI_MOSI I/O X XX HS O3 X X Port C6 SPI master out/slave in 34 24 PC7/SPI_MISO I/O X XX HS O3 X X Port C7 SPI master in/ slave out 35 - PG0 I/O X XO1 X X Port G0 36 - PG1 I/O X XO1 X X Port G1 37 - PE3/TIM1_BKIN I/O X XX O1 X X Port E3 Timer 1 - break input 38 - PE2/I2C_SDA I/O X XO1 T(3) Port E2 I2C data 39 - PE1/I2C_SCL I/O X XO1 T(3) Port E1 I2C clock 40 - PE0/CLK_CCO I/O X XX HS O3 X X Port E0 Configurable clock output Table 5. STM8S005C6 and STM8S005K6 pin descriptions (continued) Pin number Pin name Input Output Default alternate function Alternate function after remap [option bit] |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |