| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA311B Datasheet(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA311B Datasheet(HTML) 66 Page - STMicroelectronics |
|
66 / 102 page ![]() Registers STA311B 66/102 DocID024340 Rev 1 8.3 Reading a coefficient from RAM 1. Write the top 2 bits of address to I²C register 0x3B 2. Write the bottom 8 bits of address to I²C register 0x3C 3. Read the top 8 bits of coefficient in I²C address 0x3D 4. Read the middle 8 bits of coefficient in I²C address 0x3E 5. Read the bottom 8 bits of coefficient in I²C address 0x3F 8.4 Reading a set of coefficients from RAM 1. Write the top 2 bits of address to I²C register 0x3B 2. Write the bottom 8 bits of address to I²C register 0x3C 3. Read the top 8 bits of coefficient in I²C address 0x3D 4. Read the middle 8 bits of coefficient in I²C address 0x3E 5. Read the bottom 8 bits of coefficient in I²C address 0x3F 6. Read the top 8 bits of coefficient b2 in I²C address 0x40 7. Read the middle 8 bits of coefficient b2 in I²C address 0x41 8. Read the bottom 8 bits of coefficient b2 in I²C address 0x42 9. Read the top 8 bits of coefficient a1 in I²C address 0x43 10. Read the middle 8 bits of coefficient a1 in I²C address 0x44 11. Read the bottom 8 bits of coefficient a1 in I²C address 0x45 12. Read the top 8 bits of coefficient a2 in I²C address 0x46 13. Read the middle 8 bits of coefficient a2 in I²C address 0x47 14. Read the bottom 8 bits of coefficient a2 in I²CI²C address 0x48 15. Read the top 8 bits of coefficient b0 in I²C address 0x49 16. Read the middle 8 bits of coefficient b0 in I²C address 0x4A 17. Read the bottom 8 bits of coefficient b0 in I²C address 0x4B 8.5 Writing a single coefficient to RAM 1. Write the top 2 bits of address to I²C register 0x3B 2. Write the bottom 8 bits of address to I²C register 0x3C 3. Write the top 8 bits of coefficient in I²C address 0x3D 4. Write the middle 8 bits of coefficient in I²C address 0x3E 5. Write the bottom 8 bits of coefficient in I²C address 0x3F 6. Write 1 to the W1 bit in I²C address 0x4C |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |