Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FHNFBBRYN Datasheet(PDF) 2 Page - CIT Relay & Switch

No. de pieza FHNFBBRYN
Descripción Electrónicos  Illuminated Pushbutton - 12mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIT [CIT Relay & Switch]
Página de inicio  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

FHNFBBRYN Datasheet(HTML) 2 Page - CIT Relay & Switch

  FHNFBBRYN Datasheet HTML 1Page - CIT Relay & Switch FHNFBBRYN Datasheet HTML 2Page - CIT Relay & Switch FHNFBBRYN Datasheet HTML 3Page - CIT Relay & Switch FHNFBBRYN Datasheet HTML 4Page - CIT Relay & Switch FHNFBBRYN Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 2
FH
Illuminated Pushbutton - 12mm
1. Series
FH
N
2
B
B
G
FH
2. Bezel Style
Blank = Standard Bezel
3. Switch Function
N = Momentary
L = Latching
4. Actuator Style:
A = Flush actuator, non-illuminated
B = Flush actuator, ring illuminated
C = Flush actuator, dot illuminated
D = Raised actuator, non-illuminated
E = Raised actuator, ring illuminated
F = Raised actuator, dot illuminated
5. Switch Finish
B = Black Anodized Aluminum
G = Green Anodized Aluminum
R = Red Anodizzed Aluminum
S = Brushed Stainless Steel
U = Blue Anodized Aluminum
Y = Yellow Anodized Aluminum
6. Terminal Options
B = Solder Lugs
7. LED Color
X = No LED
R = Red
Y = Yellow
G = Green
B = Blue
W = White
O = Orange
RO = Red / Orange dual LED
RY = Red / Yellow dual LED
RG = Red / Green dual LED
RB = Red / Blue dual LED
OY = Orange / Yellow dual LED
OG = Orange / Green dual LED
OB = Orange / Blue dual LED
YG = Yellow / Green dual LED
YB = Yellow / Blue dual LED
GB = Green / Blue dual LED
8. LED Voltage
Blank = No LED
N = No internal resistor in series with the LED
Ordering Information



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com