Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FHNFBBRYN Datasheet(PDF) 5 Page - CIT Relay & Switch

No. de pieza FHNFBBRYN
Descripción Electrónicos  Illuminated Pushbutton - 12mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIT [CIT Relay & Switch]
Página de inicio  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

FHNFBBRYN Datasheet(HTML) 5 Page - CIT Relay & Switch

  FHNFBBRYN Datasheet HTML 1Page - CIT Relay & Switch FHNFBBRYN Datasheet HTML 2Page - CIT Relay & Switch FHNFBBRYN Datasheet HTML 3Page - CIT Relay & Switch FHNFBBRYN Datasheet HTML 4Page - CIT Relay & Switch FHNFBBRYN Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Panel Cut-Out
Illuminated Pushbutton - 12mm
FH
page 5
Schematics
-
+
LED 1
-
+
LED 1
LED 2
No LED
Single Color LED
Dual Color LED
LED Characteristics
Ø12.00
[.47]
LED Ratings
Color
R
Y
G
B
O
W
Units
Reverse Voltage
VR
555555
V
Forward Curent (avg)
IF
25
25
30
30
25
30
mA
Forward Current (peak)
IFS
120
120
160
160
120
160
mA
Reverse Current VR = 5V
IR
10
10
10
10
10
10
μA
Power Dissipation
PT
80
80
120
120
80
120
mW
Operating & Storage Temperature
TA
-40 ~ +85
Cº
Forward Voltage (typ) IF = 20mA
VF
2.1
2.1
3.3
3.3
2.0
3.0
V
Forward Voltage (max) IF = 20mA
VF
2.4
2.5
3.6
3.6
2.3
3.6
V
Wavelength at Peak Emmission IF = 20mA
λP
635
592
516
463
606
n/a
nm
Spectral Line Half-Width IF = 20mA
∆λ
14
12
28
20
12
n/a
nm
Luminous Intensity, IF = 20mA
LI
120
120
170
100
120
700
mcd
Viewing Angle
Θ
145
145
145
145
145
145
deg



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com