Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FHNFBBRYN Datasheet(PDF) 4 Page - CIT Relay & Switch

No. de pieza FHNFBBRYN
Descripción Electrónicos  Illuminated Pushbutton - 12mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIT [CIT Relay & Switch]
Página de inicio  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

FHNFBBRYN Datasheet(HTML) 4 Page - CIT Relay & Switch

  FHNFBBRYN Datasheet HTML 1Page - CIT Relay & Switch FHNFBBRYN Datasheet HTML 2Page - CIT Relay & Switch FHNFBBRYN Datasheet HTML 3Page - CIT Relay & Switch FHNFBBRYN Datasheet HTML 4Page - CIT Relay & Switch FHNFBBRYN Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 4
Illuminated Pushbutton - 12mm
FH
14.00
[.55]
16.00
[.63]
14.00
[.55]
1.48
[.06]
28.22
[1.11]
14.00 MAX
[.55]
2.82 TYP
[.11]
2.25
[.09]
Ø8.90
[.35]
M12x0.75
14.00
[.55]
2.25
[.09]
1.48
[.06]
28.22
[1.11]
14.00 MAX
[.55]
Ø9.25
[.36]
ILLUMINATED RING
Ø7.30
[.29]
16.00
[.63]
14.00
[.55]
2.82 TYP
[.11]
M12x0.75
14.00
[.55]
16.00
[.63]
Ø3.41
[.13]
ILLUMINATED DOT
Ø8.90
[.35]
Ø14.00
[.55]
2.25
[.09]
1.48
[.06]
14.00 MAX
[.55]
28.22
[1.11]
2.82 TYP
[.11]
M12x0.75
D Latching
E Latching
F Latching
Dimensions - Latching
Bottom View
LED +
LED -
6.10
[.24]
3.70
[.15]
0.50 TYP
[.02]
LED +
LED -
A
A
Momentary
Latching



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com