Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FHNFBBRYN Datasheet(PDF) 1 Page - CIT Relay & Switch

No. de pieza FHNFBBRYN
Descripción Electrónicos  Illuminated Pushbutton - 12mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIT [CIT Relay & Switch]
Página de inicio  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

FHNFBBRYN Datasheet(HTML) 1 Page - CIT Relay & Switch

  FHNFBBRYN Datasheet HTML 1Page - CIT Relay & Switch FHNFBBRYN Datasheet HTML 2Page - CIT Relay & Switch FHNFBBRYN Datasheet HTML 3Page - CIT Relay & Switch FHNFBBRYN Datasheet HTML 4Page - CIT Relay & Switch FHNFBBRYN Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
page 1
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Illuminated Pushbutton - 12mm
FH
Actuation Force
250 ± 100gF
Dielectric Strength
1500Vrms min contact to contact
1500Vrms min contact to LED
Insulation Resistance
> 100MΩ min @ 500VDC
Operating Temperature -25ºC to 55ºC
Storage Temperature
-25ºC to 55ºC
Electrical Ratings
2A @ 48VDC
Sealing Degree
IP65
Electrical Life
50,000 cycles average
Mechanical Life
100,000 cycles average
Contact Resistance
≤ 50mΩ initial
Actuator
Stainless Steel or Aluminum
LED Lens
Polycarbonate (PC)
Threaded Body
Stainless Steel or Aluminum
Terminal Support
Polybutylene Terephthalate (PBT)
Contacts
Silver Alloy
Terminals
Brass, Sliver Plated
Hardware
One Hex Nut & One “O” Ring Supplied
Materials
Specifications*
RoHS Compliant


Número de pieza similar - FHNFBBRYN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
0.5mm pitch/Connectors for FFC and FPC
logo
Fujikura Ltd.
FHN-07PG FUJIKURA-FHN-07PG Datasheet
351Kb / 3P
Sensing element/Gauge
FHN-07PGR FUJIKURA-FHN-07PGR Datasheet
351Kb / 3P
Sensing element/Gauge
FHN-07PGS FUJIKURA-FHN-07PGS Datasheet
351Kb / 3P
Sensing element/Gauge
FHN-07PGSR FUJIKURA-FHN-07PGSR Datasheet
351Kb / 3P
Sensing element/Gauge
More results

Descripción similar - FHNFBBRYN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
ILLUMINATED PUSHBUTTON
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST03 SCHNEIDER-XB4BWCUST03 Datasheet
163Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AKCUST02 SCHNEIDER-XB5AKCUST02 Datasheet
118Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
Illuminated Pushbutton
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com