| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
T90RIA80 Datasheet(PDF) 3 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
T90RIA80 Datasheet(HTML) 3 Page - International Rectifier |
|
3 / 11 page ![]() T..RIA Series 3 Bulletin I27105 rev. B 02/02 www.irf.com T J Max. junction operating -40 to 125 °C temperature range T stg Max. storage temperature -40 to 150 °C range RthJC Max. thermal resistance, 0.65 0.50 0.38 K/W DC operation, per junction junction to case RthCS Max. thermal resistance, 0.2 K/W Mounting surface smooth, flat and greased case to heatsink T Mounting to heatsink 1.3 ± 10% Nm M3.5 mounting screws (2) torque ± 10% terminals 3 ± 10% M5 screw terminals wt Approximate weight 54 g See outline table Case style D-56 T type I RRM Maximum peak reverse and 15 mA T J = TJ = TJ max. IDRM off-state leakage current V INS RMS isolation voltage 3500 V 50Hz, circuit to base, all terminals shorted, T J = 25°C, t = 1s dv/ dt Critical rate of rise of off-state 500 V/µs TJ = TJ max., linear to 80% rated VDRM (1) voltage Blocking Thermal and Mechanical Specifications (2) A mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound. Parameter T50RIA T70RIA T90RIA Units Conditions Parameter T50RIA T70RIA T90RIA Units Conditions Triggering P GM Max. peak gate power 10 12 12 W tp ≤5ms, T J = TJ max. P G(AV) Max. average gate power 2.5 3.0 3.0 W f=50Hz, T J = TJ max. I GM Max. peak gate current 2.5 3.0 3.0 A tp ≤5ms, T J = TJ max. -V GT Max. peak negative 10 10 10 V gate voltage V GT Max. required DC gate 4.0 4.0 4.0 V TJ = - 40°C Anodesupply=6V,resistive voltage to trigger 2.5 2.5 2.5 TJ = 25°C load;Ra=1 Ω 1.5 1.5 1.5 TJ = TJmax. I GT Max. required DC gate 250 270 270 TJ = - 40°C Anodesupply=6V,resistive current to trigger 100 120 120 mA TJ = 25°C load;Ra=1 Ω 50 60 60 TJ = TJmax. V GD Max. gate voltage 0.2 0.2 0.2 V @ T J = TJ max., rated VDRM applied that will not trigger I GD Max. gate current 5.0 6.0 6.0 mA that will not trigger di/ dt Max. rate of rise of 200 A/µs V D=0.67ratedVDRM,ITM=2xrateddi/dt turned-on current 180 I g = 400mA for T50RIA and Ig = 500mA for 160 T70RIA & T90RIA; tr < 0.5µs, tp >= 6µs 150 For repetitive value use 40% non-repetitive Per JEDEC std. RS397,5.2.2.6 Parameter T50RIA T70RIA T90RIA Units Conditions non lubricated threads (1) Available with dv/dt = 1000V/ µs, to complete code add S90 i.e. T90RIA80S90 |