| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
T90RIA80 Datasheet(PDF) 1 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
T90RIA80 Datasheet(HTML) 1 Page - International Rectifier |
|
1 / 11 page ![]() I T(AV) 50 70 90 A @ T C 70 70 70 o C I T(RMS) 80 110 141 A I TSM @50Hz 1310 1660 1780 A @60Hz 1370 1740 1870 A I2t @50Hz 8550 13860 15900 A2s @60Hz 7800 12650 14500 A2s I2 √t 85500 138500 159100 A2 √s VDRM/VRRM 100 to 1200 V TJ -40 to 125 o C Parameters T50RIA T70RIA T90RIA Units Major Ratings and Characteristics Features Electrically isolated base plate Types up to 1200 V RRM 3500 V RMS isolating voltage Simplified mechanical designs, rapid assembly High surge capability Large creepage distances UL E78996 approved These series of T-modules are inteded for general purpose applications such as battery chargers, welders and plating equipment, regulated power supplies and temperature and speed control circuits. The semiconductors are electrically isolated from the metal base, allowing common heatsinks and compact assemblies to be built. Description MEDIUM POWER PHASE CONTROL THYRISTORS Power Modules 50 A 70 A 90 A T..RIA SERIES 1 Bulletin I27105 rev. B 02/02 www.irf.com |
Número de pieza similar - T90RIA80 |
|
Descripción similar - T90RIA80 |