| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
T90RIA80 Datasheet(PDF) 7 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
T90RIA80 Datasheet(HTML) 7 Page - International Rectifier |
|
7 / 11 page ![]() T..RIA Series 7 Bulletin I27105 rev. B 02/02 www.irf.com Fig. 15 - On-state Power Loss Characteristics Fig. 12 - Current Ratings Characteristics Fig. 13 - Current Ratings Characteristics 50 60 70 80 90 100 110 120 130 0 2040 6080 100 120 DC 30 60 90 120 180 Average On-s tate Current (A) Conduction P eriod T 70R IA.. S eries R (DC) = 0.50 K /W thJC 0 2040 6080 100 12 0 Maximum Allowable Ambient T emperature ( C) 0.7 K /W 0.5 K/W 1 K /W 1.5 K /W 2 K /W 3 K /W 5 K /W 7 K /W 0 10 20 30 40 50 60 70 80 90 100 0 10203040506070 RMS L imit Conduction Angle 180 120 90 60 30 Average On-s tate Current (A) T 70R IA.. S eries T = 125 C J 020 40 60 80 100 120 Max imum Allowable Ambient T emperature ( C) 5 K /W 3 K/W 2 K /W 1.5 K /W 1 K /W 0.7 K /W 0.5 K/W 0.3 K /W 0 20 40 60 80 100 120 140 0 20 406080 100 120 DC 180 120 90 60 30 RMS L imit Conduction P eriod Average On-s tate Current (A) T 70R IA.. S eries T = 125 C J Fig. 18 - On-state Power Loss Characteristics 50 60 70 80 90 100 110 120 130 0 10 203040 50 60 7080 30 60 90 120 180 Average On-s tate Current (A) Conduction Angle T 70R IA.. S eries R (DC) = 0.50 K /W thJC |