Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

T90RIA80 Datasheet(PDF) 10 Page - International Rectifier

No. de pieza T90RIA80
Descripción Electrónicos  MEDIUM POWER PHASE CONTROL THYRISTORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

T90RIA80 Datasheet(HTML) 10 Page - International Rectifier

Back Button T90RIA80 Datasheet HTML 3Page - International Rectifier T90RIA80 Datasheet HTML 4Page - International Rectifier T90RIA80 Datasheet HTML 5Page - International Rectifier T90RIA80 Datasheet HTML 6Page - International Rectifier T90RIA80 Datasheet HTML 7Page - International Rectifier T90RIA80 Datasheet HTML 8Page - International Rectifier T90RIA80 Datasheet HTML 9Page - International Rectifier T90RIA80 Datasheet HTML 10Page - International Rectifier T90RIA80 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
T..RIA Series
10
Bulletin I27105 rev. B 02/02
www.irf.com
Fig. 27 - Maximum Non-Repetitive Surge Current
Fig. 28 - Maximum Non-Repetitive Surge Current
Fig. 21 - On-state Voltage Drop Characteristics
700
800
900
1000
1100
1200
1300
1400
1500
1600
110
100
Number Of E qual Amplitude H alf Cycle Current P uls es (N)
T 90R IA.. S eries
At Any R ated L oad Condition And With
R ated V
Applied F ollowing S urge.
Initial T
= 125 C
@ 60 H z 0.0083 s
@ 50 H z 0.0100 s
RR M
J
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
0.01
0.1
1
Puls e T rain Duration (s )
Maximum Non R epetitive S urge Current
Vers us P uls e T rain Duration. Control
Of Conduction May Not B e Maintained.
Initial T = 125 C
No Voltage R eapplied
R ated V
R eapplied
RR M
J
T 90R IA.. S eries
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
3.5
T = 25 C
J
Ins tantaneous On-s tate Voltage (V)
T 90R IA.. S eries
T = 125 C
J
0.01
0.1
1
0.0 01
0.01
0.1
1
10
10 0
S quare Wave P uls e Duration (s )
Steady S tate Value
R
= 0.65 K /W
R
= 0.50 K /W
R
= 0.38 K /W
(DC Operation)
thJC
thJC
thJC
T 5 0R IA.. S eries
T 70R IA.. S eries
T 90R IA.. S eries
Fig. 34 - Thermal Impedance Z
thJC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com