Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SS8050 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

No. de pieza SS8050
Descripción Electrónicos  Plastic-Encapsulate Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FS [First Silicon Co., Ltd]
Página de inicio  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS8050 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SS8050 Datasheet HTML 1Page - First Silicon Co., Ltd SS8050 Datasheet HTML 2Page - First Silicon Co., Ltd SS8050 Datasheet HTML 3Page - First Silicon Co., Ltd SS8050 Datasheet HTML 4Page - First Silicon Co., Ltd SS8050 Datasheet HTML 5Page - First Silicon Co., Ltd SS8050 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS8050
TRANSISTOR (NPN)
FEATURES
Power Dissipation
PCM : 1 W (Ta=25 )
: 2 W
(Tc =25 )
TO-92
1. EMITTER
2. BASE
3. COLLECTOR
Collector-Base Voltage
40
V
Collector-Emitter Voltage
25
V
Emitter-Base Voltage
5
V
Collector Current -Continuous
1.5
A
Collector Power Dissipation
625
mW
Operation Junction and Storage Temperature Range
TJ,
-55
Thermal Resistance from Junction to Ambient
/
W
200
Equivalent Circuit
SS8050
TO-92
Bulk
1000pcs/Bag
Tape
2000pcs/Box
TO-92
TO-92 Plastic-Encapsulate Transistors
SS8050= Device code
Solid dot= Green molding compound device,
if none, the normal device
Z= Rank of hFE,
XXX= Code
2020. 05. 15
1/6
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
SS8050


Número de pieza similar - SS8050

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wing Shing Computer Com...
SS8050 WINGS-SS8050 Datasheet
58Kb / 1P
TRANSISTOR (NPN)
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
41Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Weitron Technology
SS8050 WEITRON-SS8050 Datasheet
223Kb / 4P
NPN General Purpose Transistors
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
43Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Galaxy Semi-Conductor H...
SS8050 BILIN-SS8050 Datasheet
194Kb / 4P
Silicon Epitaxial Planar Transistor
More results

Descripción similar - SS8050

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com