Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SS8050 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

No. de pieza SS8050
Descripción Electrónicos  Plastic-Encapsulate Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FS [First Silicon Co., Ltd]
Página de inicio  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS8050 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  SS8050 Datasheet HTML 1Page - First Silicon Co., Ltd SS8050 Datasheet HTML 2Page - First Silicon Co., Ltd SS8050 Datasheet HTML 3Page - First Silicon Co., Ltd SS8050 Datasheet HTML 4Page - First Silicon Co., Ltd SS8050 Datasheet HTML 5Page - First Silicon Co., Ltd SS8050 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0.2
0.4
0.6
0.8
1.0
1.2
1
10
100
1000
1
10
100
1000
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
1
10
100
1
10
100
1000
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
120
140
1
10
100
1000
1
10
100
1000
1500
300
30
3
COMMON EMITTER
V
CE=1V
BASE-EMMITER VOLTAGE V
BE
(V)
I
C
V
BE
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
V
BEsat
——
T
a=100
T
a=25
1500
C
ob
C
ib
REVERSE VOLTAGE V (V)
V
CB/ VEB
C
ob/ Cib
——
f=1MHz
I
E=0/IC=0
T
a=25
200
20
300
30
3
300
30
3
3
30
300
300
30
3
30
300
COMMON EMITTER
V
CE=1V
COLLECTOR CURRENT I
C
(mA)
T
a=100
T
a=25
I
C
h
FE
——
1500
COMMON
EMITTER
T
a=25
500uA
450uA
400uA
350uA
300uA
250uA
200uA
150uA
100uA
I
B=50uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
3
0.3
30
3
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
V
CEsat
——
1500
Typical Characteristics
2020. 05. 15
3/6
Revision No : 0
SS8050



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com