Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SS8050 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

No. de pieza SS8050
Descripción Electrónicos  Plastic-Encapsulate Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FS [First Silicon Co., Ltd]
Página de inicio  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS8050 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  SS8050 Datasheet HTML 1Page - First Silicon Co., Ltd SS8050 Datasheet HTML 2Page - First Silicon Co., Ltd SS8050 Datasheet HTML 3Page - First Silicon Co., Ltd SS8050 Datasheet HTML 4Page - First Silicon Co., Ltd SS8050 Datasheet HTML 5Page - First Silicon Co., Ltd SS8050 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=100uA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO IC=0.1mA, IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=40V, IE=0
0.1
μA
Emitter cut-off current
ICEO
VCE=20V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
μA
hFE(1)
VCE=1V, IC=100mA
85
400
DC current gain
hFE(2)
VCE=1V, IC=800mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=800mA, IB=80mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=800mA, IB=80mA
1.2
V
Base-emitter voltage
VBE
VCE=1V, IC=10mA
1
V
Transition frequency
fT
VCE=10V, IC=50mA,f=30MHZ
100
MHz
CLASSIFICATION OF hFE(1)
Rank
B
C
D
D3
Range
85-160
120-200
160-300
300-400
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise
specified)
2020. 05. 15
2/6
Revision No : 0
SS8050



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com