Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VG Datasheet(PDF) 84 Page - STMicroelectronics

No. de pieza STM32L4R5VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 80Page - STMicroelectronics STM32L4R5VG Datasheet HTML 81Page - STMicroelectronics STM32L4R5VG Datasheet HTML 82Page - STMicroelectronics STM32L4R5VG Datasheet HTML 83Page - STMicroelectronics STM32L4R5VG Datasheet HTML 84Page - STMicroelectronics STM32L4R5VG Datasheet HTML 85Page - STMicroelectronics STM32L4R5VG Datasheet HTML 86Page - STMicroelectronics STM32L4R5VG Datasheet HTML 87Page - STMicroelectronics STM32L4R5VG Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 307 page
background image
25
K3
K3
36
36
H8
N1
N1
23
33
L3
H8
H8
N1
PA2
I/O
FT_la
-
TIM2_CH3,
TIM5_CH3,
USART2_TX,
LPUART1_TX,
OCTOSPIM_P1_NCS,
SAI2_EXTCLK,
TIM15_CH1,
EVENTOUT
ADC1_IN7,
WKUP4/LSCO
26
L3
L3
37
37
L10
M2
M2
24
34
M3
L10 L10
M2
PA3
I/O
TT_a
-
TIM2_CH4,
TIM5_CH4,
SAI1_CK1,
USART2_RX,
LPUART1_RX,
OCTOSPIM_P1_CLK,
SAI1_MCLK_A,
TIM15_CH2,
EVENTOUT
OPAMP1_VOUT,
ADC1_IN8
27
E3
E3
38
38
M12
H2
H2
25
35
G2 M12 M12
H2
VSS
S
-
-
-
-
28
H3
H3
39
39
M11
N3
N3
26
36
M2 M11 M11
N3
VDD
S
-
-
-
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More