Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VG Datasheet(PDF) 88 Page - STMicroelectronics

No. de pieza STM32L4R5VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 84Page - STMicroelectronics STM32L4R5VG Datasheet HTML 85Page - STMicroelectronics STM32L4R5VG Datasheet HTML 86Page - STMicroelectronics STM32L4R5VG Datasheet HTML 87Page - STMicroelectronics STM32L4R5VG Datasheet HTML 88Page - STMicroelectronics STM32L4R5VG Datasheet HTML 89Page - STMicroelectronics STM32L4R5VG Datasheet HTML 90Page - STMicroelectronics STM32L4R5VG Datasheet HTML 91Page - STMicroelectronics STM32L4R5VG Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 307 page
background image
-
K7
K7
53
53
M7
M6
M6
-
49
J6
M7
M7
M6
PF13
I/O
FT
-
I2C4_SMBA,
DFSDM1_DATIN6,
LCD_B1, FMC_A7,
EVENTOUT
-
-
J8
J8
54
54
G7
L6
L6
-
50
M7
G7
G7
L6
PF14
I/O
FT_f
-
I2C4_SCL,
DFSDM1_CKIN6,
TSC_G8_IO1,
LCD_G0, FMC_A8,
EVENTOUT
-
-
J9
J9
55
55
J6
K6
K6
-
51
H6
J6
J6
K5
PF15
I/O
FT_f
-
I2C4_SDA,
TSC_G8_IO2,
LCD_G1, FMC_A9,
EVENTOUT
-
-
H9
H9
56
56
K6
J6
J6
-
52
L7
K6
K6
J5
PG0
I/O
FT
-
OCTOSPIM_P2_IO4,
TSC_G8_IO3,
FMC_A10,
EVENTOUT
-
-
G9
G9
57
57
L6
H6
H6
-
53
M8
L6
L6
H5
PG1
I/O
FT
-
OCTOSPIM_P2_IO5,
TSC_G8_IO4,
FMC_A11,
EVENTOUT
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More