Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VG Datasheet(PDF) 179 Page - STMicroelectronics

No. de pieza STM32L4R5VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 179 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 175Page - STMicroelectronics STM32L4R5VG Datasheet HTML 176Page - STMicroelectronics STM32L4R5VG Datasheet HTML 177Page - STMicroelectronics STM32L4R5VG Datasheet HTML 178Page - STMicroelectronics STM32L4R5VG Datasheet HTML 179Page - STMicroelectronics STM32L4R5VG Datasheet HTML 180Page - STMicroelectronics STM32L4R5VG Datasheet HTML 181Page - STMicroelectronics STM32L4R5VG Datasheet HTML 182Page - STMicroelectronics STM32L4R5VG Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 307 page
background image
DS12023 Rev 5
179/307
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Electrical characteristics
280
APB1
(Cont.)
I2C1 APB clock
domain
1.4
1.4
1.25
2
µA/MHz
I2C2 independent
clock domain
3.5
3.4
2.5
3.5
I2C2 APB clock
domain
1.4
1.25
1.25
1
I2C3 independent
clock domain
3.25
3.15
2.9
3
I2C3 APB clock
domain
1.15
1
0.835
1
I2C4 independent
clock domain
3.5
3.25
2.75
3
I2C4 APB clock
domain
1.35
1.25
1
1.5
LPUART1 independent
clock domain
3.15
3
2.45
3
LPUART1 APB clock
domain
1.65
1.5
1.3
1.5
LPTIM1 independent
clock domain
3.6
3.5
2.9
3
LPTIM1 APB clock
domain
1
0.875
0.835
1
LPTIM2 independent
clock domain
3.4
3.25
2.55
3.5
LPTIM2 APB clock
domain
1.1
1
0.79
1
OPAMP
0.415
0.375
0.415
0.5
PWR
0.5
0.375
0.415
0.5
RTCAPB
1.25
1.15
1.25
1
SPI2
2.6
2.4
2.1
2.5
SPI3
3
2.75
2.5
3
TIM2
6.15
5.75
4.65
4.5
TIM3
5.25
4.9
4.15
5
TIM4
5.15
4.75
4.15
5
TIM5
6.5
6
5
6
TIM6
1.35
1.15
1.25
1
TIM7
1.25
1.15
0.835
1
Table 51. Peripheral current consumption (continued)
Peripheral
Range 1
Boost
Mode
Range 1
Normal
Mode
Range 2
Low-power
run and
sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More