Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VG Datasheet(PDF) 306 Page - STMicroelectronics

No. de pieza STM32L4R5VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 306 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 299Page - STMicroelectronics STM32L4R5VG Datasheet HTML 300Page - STMicroelectronics STM32L4R5VG Datasheet HTML 301Page - STMicroelectronics STM32L4R5VG Datasheet HTML 302Page - STMicroelectronics STM32L4R5VG Datasheet HTML 303Page - STMicroelectronics STM32L4R5VG Datasheet HTML 304Page - STMicroelectronics STM32L4R5VG Datasheet HTML 305Page - STMicroelectronics STM32L4R5VG Datasheet HTML 306Page - STMicroelectronics STM32L4R5VG Datasheet HTML 307Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 306 / 307 page
background image
Revision history
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
306/307
DS12023 Rev 5
24-Apr-2018
4
Added:
– Figure 6: Power-up/down sequence
– Figure 65: OctoSPI HyperBus™ read with double latency
Updated:
– Section 1: Introduction
– Section 3.10.1: Power supply schemes
– Table 8: Temperature sensor calibration values
– Updated maximum value for VDD12-VSS on Table 18: Voltage
characteristics
– Updated maximum value for VDD12 on Table 21: General operating
conditions
– Title of Table 40: Typical consumption in Run and Low-power run
modes, with different codes running from SRAM1 and power
supplied by external SMPS
– Values on column “Parameter”’ on Table 41: Current consumption
in Sleep and Low-power sleep mode, Flash ON
– Values on column “Parameter”’ on Table 42: Current consumption
in Sleep and Low-power sleep modes, Flash ON and power
supplied by external SMPS
– Title of Table 43: Current consumption in Low-power sleep mode,
Flash in power-down
– FCK 1/t(CK) rows on Table 121: OctoSPI characteristics in DTR
mode (with DQS)/Octal and HyperBus™
23-Jan-2020
5
Updated:
– Table 2: STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
features and peripheral counts.
– Figure 1: STM32L4R5xx, STM32L4R7xx and STM32L4R9xx block
diagram.
– Figure 11: STM32L4R5xxxP UFBGA169 external SMPS ballout(1).
– Figure 20: STM32L4R5xxxP UFBGA132 external SMPS ballout(1).
– Section 5: Memory mapping removing tables and figure, which are
put in the reference manual.
– Table 15: STM32L4Rxxx pin definitions replacing ‘BGA132_SMPS’
by ‘UFBGA132_SMPS’.
– Table 18: Voltage characteristics.
– Table 75: I/O static characteristics note 4.
– Table 89: VREFBUF characteristics.
– Table 121: OctoSPI characteristics in DTR mode (with DQS)/Octal
and HyperBus™.
– Figure 63: OctoSPI HyperBus™ clock., Figure 64: OctoSPI
HyperBus™ read, Figure 65: OctoSPI HyperBus™ read with
double latency, Figure 66: OctoSPI HyperBus™ write removing
any reference to CK#.
– Table 137: STM32L4Rxxx ordering information scheme.
– Section 7: Package information.
– Section 8: Ordering information.
Table 138. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More