Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VGJ3STR Datasheet(PDF) 107 Page - STMicroelectronics

No. de pieza STM32L4R5VGJ3STR
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3STR Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32L4R5VGJ3STR Datasheet HTML 103Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 104Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 105Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 106Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 107Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 108Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 109Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 110Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 307 page
background image
79
C10 C10 112
112
C4
E9
E9
81
114
A9
C4
C4
E9
PC11
I/O
FT
-
DCMI_D2,
OCTOSPIM_P1_NCS,
SPI3_MISO,
USART3_RX,
UART4_RX,
TSC_G3_IO3,
DCMI_D4,
SDMMC1_D3,
SAI2_MCLK_B,
EVENTOUT
-
80
B10 B10 113
113
B4
F8
F8
82
115
D9
B4
B4
F8
PC12
I/O
FT
-
TRACED3,
SPI3_MOSI,
USART3_CK,
UART5_TX,
TSC_G3_IO4,
DCMI_D9,
SDMMC1_CK,
SAI2_SD_B,
EVENTOUT
-
81
C9
C9
114
114
A4
B8
B8
83
116
C8
A4
A4
B8
PD0
I/O
FT
-
SPI2_NSS,
DFSDM1_DATIN7,
CAN1_RX, LCD_B4,
FMC_D2, EVENTOUT
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More