| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STPMIC1APQR Datasheet(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC1APQR Datasheet(HTML) 95 Page - STMicroelectronics |
|
95 / 140 page ![]() 6.4.8 LDOx ALTERNATE mode control registers (LDOx_ALT_CR) (x=1, 2, 5, 6) Table 45. LDOx_ALT_CR 7 6 5 4 3 2 1 0 reserved VOUT[4:0] reserved ENA R/W R/W R/W R/W R/W R/W R/W R/W Address: 0x35, 0x36, 0x39, 0x3A Type: read/write register Default: 0b0XXXXX0X where X depends on the value programmed in NVM Description: LDOx ALTERNATE mode control registers. Register is set to a default value in CHECK&LOAD. User can write to these registers to control enable and voltage settings of LDOx that are applied to ALTERNATE mode. [7] Reserved [6 :2] VOUT[4:0]: refer to Table 9. LDO output voltage settings [1] reserved [0] ENA: LDOx enable bit 0: LDOx is disabled 1: LDOx is enabled STPMIC1 Power supplies control registers DS12792 - Rev 7 page 95/140 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |