| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STPMIC1APQR Datasheet(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC1APQR Datasheet(HTML) 100 Page - STMicroelectronics |
|
100 / 140 page ![]() 6.5.2 Interrupt pending register 1 (INT_PENDING_R1) Table 49. INT_PENDING_R1 7 6 5 4 3 2 1 0 SWOUT_RI SWOUT_FA VBUSOTG_RI VBUSOTG_FA WKP_RI WKP_FA PKEY_RI PKEY_FA R R R R R R R R Address: 0x50 Type: read register only Default: 0x00 Description: interrupt pending register 1. Register is set to default on RSTn assertion. For all bits: 0: IT not pending 1: IT pending [7] SWOUT_RI: VBUS on SWOUT pin (PWR_SW out) rises above SWOUT_Rise treshold [6] SWOUT_FA: VBUS on SWOUT pin (PWR_SW out) falls below above SWOUT_Fall treshold [5] VBUSOTG_RI: VBUS on VBUSOTG pin (PWR_USB_SW out) rises above VBUSOTG_Rise threshold [4] VBUSOTG_FA: VBUS on VBUSOTG pin (PWR_USB_SW out) falls below VBUSOTG_Fall threshold [3] WKP_RI: WAKEUP rising edge [2] WKP_FA: WAKEUP falling edge [1] PKEY_RI: PONKEYn rising edge [0] PKEY_FA: PONKEYn falling edge detected STPMIC1 Interrupt registers DS12792 - Rev 7 page 100/140 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |