| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS4LC2M8S1 Datasheet(PDF) 20 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4LC2M8S1 Datasheet(HTML) 20 Page - Alliance Semiconductor Corporation |
|
20 / 28 page ![]() 20 ALLIANCE SEMICONDUCTOR 7/5/00 AS4LC2M8S1 AS4LC1M16S1 read interrupted by write (CL = 2, BL = 4) To prevent bus contention, maintain a gap between data in and data out. read interrupted by write (CL = 3, BL = 4) To prevent bus contention, maintain a gap between data in and data out. Burst termination Burst operations may be terminated with a Read, Write, Burst Stop, or Precharge command. When Burst Stop is asserted during the read cycle, burst read data is terminated and the data bus goes to High Z after CAS latency. When Burst Stop is asserted during the write cycle, burst write data is terminated and the databus goes to High Z simultaneously. CLK CMD1 DQM1 DQ1 CMD2 DQM2 DQ2 CMD3 DQM3 DQ3 CMD4 DQM4 DQ4 Write data D0 D1 D2 D3 Read data Write data D0 D1 D2 D3 Read data Write data D0 D1 D2 D3 Read data Write data D0 D1 D2 D3 Q0 Read data CLK CMD1 DQ1 CMD2 DQM2 DQ2 CMD3 DQM3 DQ3 CMD4 DQM4 DQ4 Read data Write data Read data Write data Read data Write data Read data Write data D0 D1 D2 D3 DQM1 tCCD D0 D1 D2 D3 D0 D1 D2 D3 D0 D1 D2 D3 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |