| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UPD765B Datasheet(PDF) 5 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD765B Datasheet(HTML) 5 Page - NEC |
|
5 / 17 page ![]() NEC uPD765A/uPD765B DIFFERENCES BETWEEN ,uPD765A AND uP D765B The uPD765B is a functionally enhanced version of the uPD765A.Differences are explained below. Overrun Bit [OR] In uPD765A, when executing a read- or write-type command (except READ ID and SCAN types), the result status OR bit is not set if there is an overrun on the final byte of a sector. An improvement in the uPD765B allows it to set the OR bit in any situation. DRQ Reset When an overrun occurs, the uPD765A needs DACK input to reset DRQ. If DACK is not available, an external DMA controller continues to operate even after the FDC enters the R-Phase (Result Phase), and stored result status may be transferred accidentally as ordinary data. On the other hand, the uPD765B resets DRQ auto- matically just before the R-Phaseentry and independent of the DACK input. See AC Characteristics for DRQ reset timing. Clock Synchronization The uPD765B does not require synchronization between the CLK and WCLK inputs. Version Command The Version command distinguishes the uPD765B from other devices. The ST0 response to the Version command is: Part No. ST0 Value uPD765A 80H uPD765B 90H 5-7 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |