Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UPD765B Datasheet(PDF) 1 Page - NEC

No. de pieza UPD765B
Descripción Electrónicos  Single/Double Density Floppy-Disk Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD765B Datasheet(HTML) 1 Page - NEC

  UPD765B Datasheet HTML 1Page - NEC UPD765B Datasheet HTML 2Page - NEC UPD765B Datasheet HTML 3Page - NEC UPD765B Datasheet HTML 4Page - NEC UPD765B Datasheet HTML 5Page - NEC UPD765B Datasheet HTML 6Page - NEC UPD765B Datasheet HTML 7Page - NEC UPD765B Datasheet HTML 8Page - NEC UPD765B Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
NEC
NEC Electronics Inc.
uPD765A/uPD765B
Single/Double Density
Floppy-Disk Controller
Description
Features
The uPD765A/B is an LSI floppy disk controller (FDC)
chip which contains the circuitry and control functions
for interfacing a processor to 4 floppy disk drives. It is
capableof either IBM 3740singledensity format (FM), or
IBM System 34 double density format (MFM) including
double-sided recording. The uPD765A/B provides con-
trol signals which simplify the design of an external
phase-locked loop and write precompensation circuitry.
The FDC simplifies and handles most of the burdens as-
sociated with implementing a floppy disk interface.
Hand-shaking signals are provided in the uPD765A/B
which make DMA operation easy to incorporate with the
aid of an external DMA controller chip, such as the
uPD8257. The
FDC will operate in eitherthe DMA or non-
DMA mode. In the non-DMA mode the FDC generates
interrupts to !he processor every time a data byte is to
be transferred. In the DMA mode, the processor need
only load the command into the FDC and all data
transfers occur under control of the FDC and DMA
controllers.
There are 16 commands which the
uPD765A/uPD765B
will execute. Most of these commands require multiple
8-bit bytes to fully specify the operation which the
processor wishes the FDC to perform. The following
commands are available.
Read Data
Read Deleted Data
Read ID
Write Data
Specify
Write ID (Format Write)
Read Diagnostic
Write Deleted Data
Scan
Equal
Seek
Scan High or Equal
Recalibrate
Scan Low or Equal
Sense Interrupt Status
Version
Sense Drive Status.
Ordering Information
Address mark detection circuitry is internal to the FDC
which simplifies the phase-locked loop and read elec-
tronics. The track stepping rate, head load time, and
head
unload
time
are
user-programmable.
The
uPD765A/uPD765B
offers additional features such as
multi-track and multi-side read and write commands
and single and double density capabilities.
FM, MFM Control
Variable recording length: 128,256, .8192
bytes/
sector
IBM-compatible format (single- and double-
sided, single- and double-density)
Multi-sector and multi-track transfer capability
Drive up to 4 floppy or micro floppydisk drives
Data scan capability-will scan a single sector or
an entire cylinder comparing byte-for-byte host
memory and disk data
Data transfers in DMA or non-DMA mode
Parallel seek operations on up to four drives
Compatible with uPD8080/85,
uPD8086/88,
V-series
and uPD780
(Z80@)
microprocessors
Single-phase clock: 8 MHz maximum
3
+5V only
Z80 is a registered trademark of the Zilog
Corporation
Pin Configuration
Device Number
uPD765AC2
uPD765B
Package
Type
40-pin
plastic DIP
40-pin plastic DIP
Max
Freq. of Operation
8 MHz
8 MHz
NECEL-000324
5-3


Número de pieza similar - UPD765B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
UPD76F0018 RENESAS-UPD76F0018 Datasheet
531Kb / 42P
MOS INTEGRATED CIRCUIT
2002
More results

Descripción similar - UPD765B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
FLOPPY DISK CONTROLLER
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
Floppy Disk Controller
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
logo
List of Unclassifed Man...
FDC9267 ETC2-FDC9267 Datasheet
1Mb / 16P
SINGLE/DOUBLE DENSITY FLOPPY DISK CONTROLLER WITH HIGH PERFORMANCE ANALOG DATA SEPARATOR
FDC9266 ETC2-FDC9266 Datasheet
1Mb / 16P
SINGLE/DOUBLE DENSITY ENHANCED FLOPPY DISK CONTROLLER
logo
UMC Corporation
UM8388 UMC-UM8388 Datasheet
760Kb / 12P
Single-Chip floppy disk controller
UM8397 UMC-UM8397 Datasheet
1Mb / 17P
Single-Chip floppy disk controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com