Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NT256D64S88A2GM Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza NT256D64S88A2GM
Descripción Electrónicos  200pin One Bank Unbuffered DDR SO-DIMM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

NT256D64S88A2GM Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NT256D64S88A2GM Datasheet HTML 6Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 7Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 8Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 9Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 10Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 11Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 12Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 13Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NT256D64S88A2GM
256MB : 32M x 64
PC2100 / PC1600 Unbuffered DDR SO-DIMM
Preliminary 01 / 2002
10
© NANYA TECHNOLOGY CORP.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Operating, Standby, and Refresh Currents
( TA = 0 °C ~ 70 °C ; VDDQ = 2.5V ± 0.2V; VDD = 2.5V ± 0.2V, See AC Characteristics)
Symbol
Parameter/Condition
PC1600
PC2100
Unit
Notes
I DD0
Operating Current : one bank; active / precharge; tRC = tRC (MIN) ;
tCK = tCK (MIN) ; DQ, DM, and DQS inputs changing twice per clock cycle;
address and control inputs changing once per clock cycle
600
680
mA
1,2
I DD1
Operating Current : one bank; active / read / precharge; Burst = 2;
tRC = tRC (MIN) ; CL=2.5; tCK = tCK (MIN) ; IOUT = 0mA;
address and control inputs changing once per clock cycle
720
880
mA
1,2
I DD2P
Precharge Power-Down Standby Current :
all banks idle; power-down mode; CKE
≤ VIL (MAX) ; tCK = tCK (MIN)
120
120
mA
1,2
I DD2N
Idle Standby Current : CS
≥ VIH (MIN) ; all banks idle; CKE ≥ VIH(MIN) ;
tCK = tCK (MIN) ; address and control inputs changing once per clock cycle
240
280
mA
1,2
I DD3P
Active Power-Down Standby Current : one bank active;
power-down mode; CKE
≤ VIL (MAX) ; tCK = tCK (MIN)
120
120
mA
1,2
I DD3N
Active Standby Current : one bank; active / precharge; CS
≥ VIH (MIN) ;
CKE
≥ VIH (MIN) ; tRC = tRAS (MAX) ; tCK = tCK (MIN) ; DQ, DM, and DQS
inputs changing twice per clock cycle;
address and control inputs changing once per clock cycle
400
480
mA
1,2
I DD4R
Operating Current : one bank; Burst = 2; reads; continuous burst;
address and control inputs changing once per clock cycle;
DQ and DQS outputs changing twice per clock cycle; CL = 2.5;
tCK = tCK (MIN) ; IOUT = 0mA
1040
1320
mA
1,2
I DD4W
Operating Current : one bank; Burst = 2; writes; continuous burst;
address and control inputs changing once per clock cycle;
DQ and DQS inputs changing twice per clock cycle; CL=2.5;
tCK = tCK (MIN)
920
1200
mA
1,2
t RC = t RFC (MIN)
1280
1360
mA
1,2
I DD5
Auto-Refresh Current :
t RC = 7.8
µs
132
132
mA
1,2,4
I DD6
Self-Refresh Current : CKE
≤ ?0.2V
24
24
mA
1,2,3
1. I DD specifications are tested after the device is properly initialized.
2. Input slew rate = 1V/ ns .
3. Enables on-chip refresh and address counters.
4. Current at 7.8 µs is time averaged value of IDD5 at tRFC (MIN) and IDD2P over 7.8 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com