Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NT256D64S88A2GM Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza NT256D64S88A2GM
Descripción Electrónicos  200pin One Bank Unbuffered DDR SO-DIMM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

NT256D64S88A2GM Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NT256D64S88A2GM Datasheet HTML 2Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 3Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 4Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 5Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 6Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 7Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 8Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 9Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NT256D64S88A2GM
256MB : 32M x 64
PC2100 / PC1600 Unbuffered DDR SO-DIMM
Preliminary 01 / 2002
6
© NANYA TECHNOLOGY CORP.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Serial Presence Detect -- Part 2 of 2
SPD Entry Value
Serial PD Data Entry (Hexadecimal)
Byte
Description
DDR266A
-7K
DDR266B
-75B
DDR200
-8B
DDR266A
-7K
DDR266B
-75
DDR200
-8B
Note
64-71
Manufacturer’s JEDED ID Code
NANYA
7F7F7F0B00000000
72
Module Manufacturing Location
N/A
00
73-90
Module Part number
N/A
N/A
N/A
00
00
00
91-92
Module Revision Code
N/A
00
93-94
Module Manufacturing Data
Year/Week Code
yy/ww
1,2
95-98
Module Serial Number
Serial Number
00
99-255
Reserved
Undefined
00
1.
yy= Binary coded decimal year code, 0-99(Decimal), 00-63(Hex)
2.
ww= Binary coded decimal year code, 01-52(Decimal), 01-34(Hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com