Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AT25PE80 Datasheet(PDF) 47 Page - Dialog Semiconductor

No. de pieza AT25PE80
Descripción Electrónicos  8-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALOG [Dialog Semiconductor]
Página de inicio  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE80 Datasheet(HTML) 47 Page - Dialog Semiconductor

Back Button AT25PE80 Datasheet HTML 43Page - Dialog Semiconductor AT25PE80 Datasheet HTML 44Page - Dialog Semiconductor AT25PE80 Datasheet HTML 45Page - Dialog Semiconductor AT25PE80 Datasheet HTML 46Page - Dialog Semiconductor AT25PE80 Datasheet HTML 47Page - Dialog Semiconductor AT25PE80 Datasheet HTML 48Page - Dialog Semiconductor AT25PE80 Datasheet HTML 49Page - Dialog Semiconductor AT25PE80 Datasheet HTML 50Page - Dialog Semiconductor AT25PE80 Datasheet HTML 51Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
46
AT25PE80
DS-25PE80-141C-8/2018
22.
AC Waveforms
Four different timing waveforms are shown in Figure 22-1 through Figure 22-4. Waveform 1 shows the SCK signal being
low when CS makes a high-to-low transition and Waveform 2 shows the SCK signal being high when CS makes a
high-to-low transition. In both cases, output SO becomes valid while the SCK signal is still low (SCK low time is specified
as t
WL). Timing Waveforms 1 and 2 conform to RapidS serial interface but for frequencies up to 85MHz. Waveforms 1
and 2 are compatible with SPI Mode 0 and SPI Mode 3, respectively.
Waveform 3 and 4 illustrate general timing diagram for RapidS serial interface. These are similar to Waveform 1 and 2,
except that output SO is not restricted to become valid during the tWL period. These timing waveforms are valid over the
full frequency range (maximum frequency = 85MHz) of the RapidS serial case.
Figure 22-1. Waveform 1 = SPI Mode 0 Compatible
Figure 22-2. Waveform 2 = SPI Mode 3 Compatible
CS
SCK
SI
SO
tCSS
Valid In
tH
tSU
tWH
tWL
tCSH
tCS
tV
High-impedance
Valid Out
tHO
tDIS
High-impedance
CS
SCK
SO
tCSS
Valid In
tH
tSU
tWL
tWH
tCSH
tCS
tV
High Z
Valid Out
tHO
tDIS
High-impedance
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com