Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AT25PE80 Datasheet(PDF) 34 Page - Dialog Semiconductor

No. de pieza AT25PE80
Descripción Electrónicos  8-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALOG [Dialog Semiconductor]
Página de inicio  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE80 Datasheet(HTML) 34 Page - Dialog Semiconductor

Back Button AT25PE80 Datasheet HTML 30Page - Dialog Semiconductor AT25PE80 Datasheet HTML 31Page - Dialog Semiconductor AT25PE80 Datasheet HTML 32Page - Dialog Semiconductor AT25PE80 Datasheet HTML 33Page - Dialog Semiconductor AT25PE80 Datasheet HTML 34Page - Dialog Semiconductor AT25PE80 Datasheet HTML 35Page - Dialog Semiconductor AT25PE80 Datasheet HTML 36Page - Dialog Semiconductor AT25PE80 Datasheet HTML 37Page - Dialog Semiconductor AT25PE80 Datasheet HTML 38Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
33
AT25PE80
DS-25PE80-141C–8/2018
14.
Operation Mode Summary
The commands described previously can be grouped into four different categories to better describe which commands
can be executed at what times.
Group A commands consist of:
1.
Main Memory Page Read
2.
Continuous Array Read (SPI)
3.
Read Sector Protection Register
4.
Read Security Register
5.
Buffer 1 (or 2) Read
Group B commands consist of:
1.
Page Erase
2.
Block Erase
3.
Sector Erase
4.
Chip Erase
5.
Main Memory Page to Buffer 1 (or 2) Transfer
6.
Main Memory Page to Buffer 1 (or 2) Compare
7.
Buffer 1 (or 2) to Main Memory Page Program with Built-In Erase
8.
Buffer 1 (or 2) to Main Memory Page Program without Built-In Erase
9.
Main Memory Page Program through Buffer 1 (or 2) with Built-In Erase
10. Main Memory Byte/Page Program through Buffer 1 without Built-In Erase
11. Auto Page Rewrite
12. Read-Modify-Write
Group C commands consist of:
1.
Buffer 1 (or 2) Write
2.
Status Register Read
3.
Manufacturer and Device ID Read
Group D commands consist of:
1.
Erase Sector Protection Register
2.
Program Sector Protection Register
3.
Buffer and Page Size Configuration
If a Group A command is in progress (not fully completed), then another command in Group A, B, C, or D should not be
started. However, during the internally self-timed portion of Group B commands, any command in Group C can be
executed. The Group B commands using Buffer 1 should use Group C commands using Buffer 2 and vice versa. Finally,
during the internally self-timed portion of a Group D command, only the Status Register Read command should be
executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com