Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AT25PE80 Datasheet(PDF) 8 Page - Dialog Semiconductor

No. de pieza AT25PE80
Descripción Electrónicos  8-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALOG [Dialog Semiconductor]
Página de inicio  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE80 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button AT25PE80 Datasheet HTML 4Page - Dialog Semiconductor AT25PE80 Datasheet HTML 5Page - Dialog Semiconductor AT25PE80 Datasheet HTML 6Page - Dialog Semiconductor AT25PE80 Datasheet HTML 7Page - Dialog Semiconductor AT25PE80 Datasheet HTML 8Page - Dialog Semiconductor AT25PE80 Datasheet HTML 9Page - Dialog Semiconductor AT25PE80 Datasheet HTML 10Page - Dialog Semiconductor AT25PE80 Datasheet HTML 11Page - Dialog Semiconductor AT25PE80 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
7
AT25PE80
DS-25PE80-141C–8/2018
5.
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from either one of the two SRAM data
buffers. The DataFlash-L supports RapidS protocols for Mode 0 and Mode 3. Please see Section 25., Detailed Bit-level
Read Waveforms: RapidS Mode 0/Mode 3 diagrams in this datasheet for details on the clock cycle sequences for each
mode.
5.1
Continuous Array Read (Legacy Command: E8h Opcode)
By supplying an initial starting address for the main memory array, the Continuous Array Read command can be utilized to
sequentially read a continuous stream of data from the device by simply providing a clock signal; no additional addressing
information or control signals need to be provided. The DataFlash-L incorporates an internal address counter that will
automatically increment on every clock cycle, allowing one continuous read from memory to be performed without the
need for additional address sequences. To perform a Continuous Array Read using the optional DataFlash-L page size
(264 bytes), an opcode of E8h must be clocked into the device followed by three address bytes (which comprise the 24-bit
page and byte address sequence) and four dummy bytes. The first 12 bits (PA11 - PA0) of the 21-bit address sequence
specify which page of the main memory array to read and the last 9 (BA8 - BA0) of the 21-bit address sequence specify
the starting byte address within the page. To perform a Continuous Array Read using the default page size
(256 bytes), an opcode of E8h must be clocked into the device followed by three address bytes and four dummy bytes.
The first 12 bits (A19 - A8) of the 20-bit address sequence specify which page of the main memory array to read and the
last 8 bits (A7 - A0) of the 20-bit address sequence specify the starting byte address within the page. The dummy bytes
that follow the address bytes are needed to initialize the read operation. Following the dummy bytes, additional clock
pulses on the SCK pin will result in data being output on the SO (serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy bytes, and the reading of
data. When the end of a page in the main memory is reached during a Continuous Array Read, the device will continue
reading at the beginning of the next page with no delays incurred during the page boundary crossover (the crossover from
the end of one page to the beginning of the next page). When the last bit in the main memory array has been read, the
device will continue reading back at the beginning of the first page of memory. As with crossing over page boundaries, no
delays will be incurred when wrapping around from the end of the array to the beginning of the array.
A low-to-high transition on the CS pin will terminate the read operation and tri-state the output pin (SO). The maximum
SCK frequency allowable for the Continuous Array Read is defined by the fCAR1 specification. The Continuous Array Read
bypasses the data buffers and leaves the contents of the buffers unchanged.
Warning:
This command is not recommended for new designs.
5.2
Continuous Array Read (High Frequency Mode: 1Bh Opcode)
This command can be used to read the main memory array sequentially at the highest possible operating clock
frequency up to the maximum specified by f
CAR4. To perform a Continuous Array Read using the optional DataFlash-L
page size (264 bytes), the CS pin must first be asserted, and then an opcode of 1Bh must be clocked into the device
followed by three address bytes and two dummy bytes. The first 12 bits (PA11 - PA0) of the 21-bit address sequence
specify which page of the main memory array to read and the last 9 bits (BA8 - BA0) of the 21-bit address sequence
specify the starting byte address within the page. To perform a Continuous Array Read using the default page size (256
bytes), the opcode 1Bh must be clocked into the device followed by three address bytes (A19 - A0) and two dummy
bytes. Following the dummy bytes, additional clock pulses on the SCK pin will result in data being output on the SO
(Serial Output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy bytes, and the reading of
data. When the end of a page in the main memory is reached during a Continuous Array Read, the device will continue
reading at the beginning of the next page with no delays incurred during the page boundary crossover (the crossover
from the end of one page to the beginning of the next page). When the last bit in the main memory array has been read,
the device will continue reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays will be incurred when wrapping around from the end of the array to the beginning of the array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com