Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

9601-00 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

No. de pieza 9601-00
Descripción Electrónicos  2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PEREGRINE [Peregrine Semiconductor Corp.]
Página de inicio  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9601-00 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  9601-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Product Specification
PE9601
Page 4 of 14
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0025-05
│ UltraCMOS™ RFIC Solutions
30
fp
ALL
Output
Monitor pin for main divider output. Switching activity can be disabled through
enhancement register programming or by floating or grounding VDD pin 31.
31
VDD-fp
ALL
(Note 2)
VDD for fp.
32
Dout
Serial, Parallel
Output
Data Out. The MSEL signal and the raw prescaler output are available on Dout
through enhancement register programming.
33
VDD
ALL
(Note 1)
Same as pin 1.
34
Cext
ALL
Output
Logical “OR” of PD_U and PD_D terminated through an on chip, 2 kW series
resistor. Connecting Cext to an external capacitor will low pass filter the input to the
inverting amplifier used for driving LD.
35
VDD
ALL
(Note 1)
Same as pin 1.
36
CP
ALL
Output
Charge pump current is sourced for “up” when fc leads fp and sinked for “down”
when fc lags fp.
37
NC
ALL
No connection.
38
VDD-fc
ALL
(Note 2)
VDD for fc
39
fc
ALL
Output
Monitor pin for reference divider output. Switching activity can be disabled through
enhancement register programming or by floating or grounding VDD pin 38.
40
GND
ALL
Ground.
41
GND
ALL
Ground.
42
fr
ALL
Input
Reference frequency input. See Figure 4.
43
LD
ALL
Output,
OD
Lock detect and open drain logical inversion of Cext. When the loop is in lock, LD
is high impedance, otherwise LD is a logic low (“0”).
44
Enh
Serial, Parallel
Input
Enhancement mode. When asserted low (“0”), enhancement register bits are
functional.
Pin No.
Pin Name
Interface Mode
Type
Description
Table 1. Pin Descriptions (continued)
Note 1:
VDD pins 1, 11, 12, 23, 33, and 35 are connected by diodes and must be supplied with the same positive voltage level.
Note 2:
VDD pins 31 and 38 are used to enable test modes and should be left floating.
Note 3:
All digital input pins have 70k ohm pull-down resistors to ground.
2.8pF
125K
PIN 42
Figure 4. Looking into the device PIN 42 - fr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com