Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

9601-00 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

No. de pieza 9601-00
Descripción Electrónicos  2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PEREGRINE [Peregrine Semiconductor Corp.]
Página de inicio  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9601-00 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

Back Button 9601-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Product Specification
PE9601
Page 6 of 14
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0025-05
│ UltraCMOS™ RFIC Solutions
Table 5. DC Characteristics
VDD = 3.0 V, -40° C < TA < 85° C, unless otherwise specified
Symbol
Parameter
Test Program Name
Conditions
Min
Typ
Max
Units
IDD
Operational supply current;
Prescaler enabled 2 GHz
center frequency with 10
MHz reference input.
IDD_T_oper_at_2 GHz
VDD = 2.85 to 3.15 V
24
mA
Digital Inputs: All except fr, R0, Fin, Fin
VIH
High level input voltage
LEVELS_”xxx”_VIH(V)
where “xxx” is name of pin
being tested
VDD = 2.85 to 3.15 V
0.7 x VDD
V
VIL
Low level input voltage
LEVELS_”xxx”_VIL(V)
where “xxx” is name of pin
being tested
VDD = 2.85 to 3.15 V
0.3 x VDD
V
IIH
High level input current
(Pull-down resistor on
input)
IIH_”xxx”_(A) where “xxx”
is name of pin being
tested
VIH = VDD = 3.15 V
+100
µA
IIL
Low level input current
IIL_”xxx”_(A) where “xxx”
is name of pin being
tested
VIL = 0, VDD = 3.15 V
-1
µA
Reference Divider input: fr
IIHR
High level input current
IIH_FR_(A)
VIH = VDD = 3.15 V
+50
µA
IILR
Low level input current
IIL_FR_(A)
VIL = 0, VDD = 3.15 V
-50
µA
R0 Input (Pull-up Resistor): R0
IIHR
High level input current
(Pull-down resistor on
input)
IIH_R0_(A)
VIH = VDD = 3.15 V
+100
µA
IILR
Low level input current
IIL_R0_(A)
VIL = 0, VDD = 3.15 V
-3
µA
Counter and phase detector outputs: fc, fp.
VOLD
Output voltage LOW
LEVELS_”xxx”_VOL(V)
where “xxx” is name of pin
being tested
Iout = 6 mA
0.4
V
VOHD
Output voltage HIGH
LEVELS_”xxx”_VOH(V)
where “xxx” is name of pin
being tested
Iout = -3 mA
VDD - 0.4
V
Lock detect outputs: Cext, LD
VOLC
Output voltage LOW, Cext
LEVELS_CEXT_VOL(V)
Iout = 0.1 mA
0.4
V
VOHC
Output voltage HIGH, Cext
LEVELS_CEXT_VOH(V)
Iout = -0.1 mA
VDD - 0.4
V
VOLLD
Output voltage LOW, LD
LEVELS_ LD_VOL(V)
Iout = 6 mA
0.4
V
Charge Pump output: CP
ICP - Source
Drive current
CP_src_at_0.5 VDD (A)
VCP = VDD / 2
-2.6
-2
-1.4
mA
ICP – Sink
Drive current
CP_snk_at_0.5 VDD (A)
VCP = VDD / 2
1.4
2
2.6
mA
ICPL
Leakage current
CP_lkg_PD_DX (A)
1.0 V < VCP < VDD
1.0 V
-1
1
µA
ICP – Source
vs. ICP Sink
Sink vs. source mismatch
CP_srcvsnk_at_0.5 VDD
VCP = VDD / 2,
TA = 25° C
25
%
ICP vs. VCP
Output current magnitude
variation vs. voltage
CP_snk_var,
CP_src_var
1.0V < VCP < VDD
1.0 V TA = 25° C
25
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com