Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

9601-00 Datasheet(PDF) 7 Page - Peregrine Semiconductor Corp.

No. de pieza 9601-00
Descripción Electrónicos  2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PEREGRINE [Peregrine Semiconductor Corp.]
Página de inicio  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9601-00 Datasheet(HTML) 7 Page - Peregrine Semiconductor Corp.

Back Button 9601-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 9601-00 Datasheet HTML 11Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Product Specification
PE9601
Page 7 of 14
Document No. 70-0025-05
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
Table 6. AC Characteristics
VDD = 3.0 V, -40° C < TA < 85° C, unless otherwise specified
Symbol
Parameter
Test Program Name
Conditions
Min
Max
Units
Control Interface and Latches (see Figure 5 and Figure 6)
fClk
Serial data clock frequency
(Note 1)
10
MHz
tClkH
Serial clock HIGH time
t_clk_H (s)
30
ns
tClkL
Serial clock LOW time
t_clk_L (s)
30
ns
tDSU
Sdata set-up time after Sclk rising
edge, D[7:0] set-up time to
M1_WR, M2_WR, A_WR, E_WR
rising edge
t_dsu_”xxx” (s) where
“xxx” is name of pin being
tested
10
ns
tDHLD
Sdata hold time after Sclk rising
edge, D[7:0] hold time to M1_WR,
M2_WR, A_WR rising edge
t_dhid_”xxx” (s) where
“xxx” is name of pin being
tested
10
ns
tPW
S_WR, M1_WR, M2_WR, A_WR,
E_WR pulse width
t_pw_”xxx” (s) where “xxx”
is name of pin being
tested
30
ns
tCWR
Sclk rising edge to S_WR rising
edge. S_WR, M1_WR, M2_WR,
A_WR falling edge to Hop_WR
rising edge
t_cwr_”xxx” (s) where
“xxx” is name of pin being
tested
30
ns
tCE
Sclk falling edge to E_WR
transition
t_ce (s)
30
ns
tWRC
S_WR falling edge to Sclk rising
edge. Hop_WR falling edge to
S_WR, M1_WR, M2_WR, A_WR
rising edge
t_wrc_”xxx” (s) where
“xxx” is name of pin being
tested
30
ns
tEC
E_WR transition to Sclk rising
edge
t_ec (s)
30
ns
Main Divider (Including Prescaler)
Fin
Operating frequency
RF_sens
200
2200
MHz
PFin
Input level range
RF_sens
External AC coupling
0
5
dBm
Main Divider (Prescaler Bypassed)
Fin
Operating frequency
20
220
MHz
PFin
Input level range
External AC coupling
-5
5
dBm
Reference Divider
fr
Operating frequency
Fc_sens
(Note 3)
100
MHz
Pfr
Reference input power (Note 2)
Fc_sens
Single ended input
-2
dBm
Phase Detector
fc
Comparison frequency
(Note 3)
20
MHz
Note 1:
Fclk is verified during the functional pattern test. Serial programming sections of the functional pattern are clocked at 10 MHz to verify Fclk
specification.
Note 2:
CMOS logic levels can be used to drive reference input if DC coupled. Voltage input needs to be a minimum of 0.5Vp-p.
Note 3:
Parameter is guaranteed through characterization only and is not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com