Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SP674AB Datasheet(PDF) 14 Page - Sipex Corporation

No. de pieza SP674AB
Descripción Electrónicos  12-bit Sampling A/D Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIPEX [Sipex Corporation]
Página de inicio  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP674AB Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP674AB Datasheet HTML 6Page - Sipex Corporation SP674AB Datasheet HTML 7Page - Sipex Corporation SP674AB Datasheet HTML 8Page - Sipex Corporation SP674AB Datasheet HTML 9Page - Sipex Corporation SP674AB Datasheet HTML 10Page - Sipex Corporation SP674AB Datasheet HTML 11Page - Sipex Corporation SP674AB Datasheet HTML 12Page - Sipex Corporation SP674AB Datasheet HTML 13Page - Sipex Corporation SP674AB Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
16
ORDERING INFORMATION
Model .................... No Missing Codes to; ... Linearity ...................... Gain TC ......................... Temperature Range ............ Package Type
25
µs Conversion Time
HS574AA .............. 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C .............. –40°C to +85°C ............ 28–pin, 0.6" Ceramic DIP
HS574AB .............. 12 Bits ..............................
±0.5 LSB ...................... 27ppm/°C .............. –40°C to +85°C ............ 28–pin, 0.6" Ceramic DIP
HS574AC .............. 12 Bits ..............................
±0.5 LSB ...................... 10ppm/°C .............. –40°C to +85°C ............ 28–pin, 0.6" Ceramic DIP
HS574AJ ............... 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C .............. 0°C to +70°C ................ 28–pin, 0.6" Ceramic DIP
HS574AK .............. 12 Bits ..............................
±0.5 LSB ...................... 27ppm/°C .............. 0°C to +70°C ................ 28–pin, 0.6" Ceramic DIP
HS574AL .............. 12 Bits ..............................
±0.5 LSB ...................... 10ppm/°C .............. 0°C to +70°C ................ 28–pin, 0.6" Ceramic DIP
HS574AS .............. 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C .............. –55°C to +125°C .......... 28–pin, 0.6" Ceramic DIP
HS574AT .............. 12 Bits ..............................
±0.5 LSB ...................... 25ppm/°C .............. –55°C to +125°C .......... 28–pin, 0.6" Ceramic DIP
HS574AU .............. 12 Bits ..............................
±0.5 LSB ...................... 12.5ppm/°C ........... –55°C to +125°C .......... 28–pin, 0.6" Ceramic DIP
HS574AS/883* ...... 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C .............. –55°C to +125°C .......... 28–pin, 0.6" Ceramic DIP
HS574AT/883* ...... 12 Bits ..............................
±0.5 LSB ...................... 25ppm/°C .............. –55°C to +125°C .......... 28–pin, 0.6" Ceramic DIP
HS574AU/883* ..... 12 Bits ..............................
±0.5 LSB ...................... 12.5ppm/°C ........... –55°C to +125°C .......... 28–pin, 0.6" Ceramic DIP
15
µs Conversion Time
SP674AA .............. 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C .............. –40°C to +85°C ............ 28–pin, 0.6" Ceramic DIP
SP674AB .............. 12 Bits ..............................
±0.5 LSB ...................... 27ppm/°C .............. –40°C to +85°C ............ 28–pin, 0.6" Ceramic DIP
SP674AC .............. 12 Bits ..............................
±0.5 LSB ...................... 10ppm/°C .............. –40°C to +85°C ............ 28–pin, 0.6" Ceramic DIP
SP674AJ ............... 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C .............. 0°C to +70°C ................ 28–pin, 0.6" Ceramic DIP
SP674AK .............. 12 Bits ..............................
±0.5 LSB ...................... 27ppm/°C .............. 0°C to +70°C ................ 28–pin, 0.6" Ceramic DIP
SP674AL ............... 12 Bits ..............................
±0.5 LSB ...................... 10ppm/°C .............. 0°C to +70°C ................ 28–pin, 0.6" Ceramic DIP
SP674AS .............. 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C .............. –55°C to +125°C .......... 28–pin, 0.6" Ceramic DIP
SP674AT ............... 12 Bits ..............................
±0.5 LSB ...................... 25ppm/°C .............. –55°C to +125°C .......... 28–pin, 0.6" Ceramic DIP
SP674AU .............. 12 Bits ..............................
±0.5 LSB ...................... 12.5ppm/°C ........... –55°C to +125°C .......... 28–pin, 0.6" Ceramic DIP
SP674AS/883* ...... 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C .............. –55°C to +125°C .......... 28–pin, 0.6" Ceramic DIP
SP674AT/883* ...... 12 Bits ..............................
±0.5 LSB ...................... 25ppm/°C .............. –55°C to +125°C .......... 28–pin, 0.6" Ceramic DIP
SP674AU/883* ...... 12 Bits ..............................
±0.5 LSB ...................... 12.5ppm/°C ........... –55°C to +125°C .......... 28–pin, 0.6" Ceramic DIP
* MIL–STD–883C processing.
NOTE: Electrical specifications for –AA, –AB and –AC grades are the same as –AJ, –AK, and –AL models respectively, with the exception of
extended operating temperature range performance from –40
°C to +85°C.
Please consult the factory for other packaging options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com