Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SP674AB Datasheet(PDF) 2 Page - Sipex Corporation

No. de pieza SP674AB
Descripción Electrónicos  12-bit Sampling A/D Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIPEX [Sipex Corporation]
Página de inicio  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP674AB Datasheet(HTML) 2 Page - Sipex Corporation

  SP674AB Datasheet HTML 1Page - Sipex Corporation SP674AB Datasheet HTML 2Page - Sipex Corporation SP674AB Datasheet HTML 3Page - Sipex Corporation SP674AB Datasheet HTML 4Page - Sipex Corporation SP674AB Datasheet HTML 5Page - Sipex Corporation SP674AB Datasheet HTML 6Page - Sipex Corporation SP674AB Datasheet HTML 7Page - Sipex Corporation SP674AB Datasheet HTML 8Page - Sipex Corporation SP674AB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
4
ABSOLUTE MAXIMUM RATINGS
V
CC to Digital Common .................................................. 0 to +16.5V
V
LOGIC to Digital Common ................................................... 0 to +7V
Analog Common to Digital Common .........................................
±1V
Control Inputs to Digital Common ................. –0.5V to V
LOGIC +0.5V
(CE, CS, A
0, 12/8, R/C)
Analog Inputs to Analog Common ......................................
±16.5V
(REF IN, BIP OFF, 10V
IN)
20V
IN to Analog Common ........................................................ ±24V
REF OUT ............................................... Indefinite short to common
Momentary short to V
CC
Power Dissipation ............................................................. 1000mW
Lead Temperature, Soldering ................................... 300˚C, 10Sec
ΘJ/C ................................................................................... 45˚C/W
MTBF–25˚C Ground Base ................................ 2.915 million hours
MTBF–125˚C Missile Launch ...................... 10.16 thousand hours
• Inputs exceeding +30% or –30% of FS will cause erratic performance.
CAUTION:
ESD (ElectroStatic Discharge) sensitive
device. Permanent damage may occur on
unconnected devices subject to high energy
electrostatic fields. Unused devices must be
stored in conductive foam or shunts.
Personnel should be properly grounded prior
to handling this device. The protective foam
should be discharged to the destination
socket before devices are removed.
SPECIFICATIONS
(Typical @ 25
°C with V
CC = +15V, VEE = 0V, VLOGIC = +5V unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
RESOLUTION
All models
12
Bits
ANALOG INPUTS
Input Ranges
Bipolar
±5, ±10
V
Unipolar
0 to +10, 0 to +20
V
Input Impedance
10 Volt Input
3.75
6.25
K
Ω
20 Volt Input
15
25
K
Ω
DIGITAL INPUTS
Logic Inputs CE, CS R/C, A
O, 12/8
Logic 1
+2.4
+5.5
V
Logic 0
–0.3
+0.8
V
Current
±0.1
±50
µA
0V to +5.5V Input
Capacitance
5
pF
12/8 Control Input
Hardwire to V
LOGIC or DIGITAL COMMON (SP574A only)
DIGITAL OUTPUTS
Logic Outputs DB
11–DB0, STS
Logic 1
+2.4
V
I
SOURCE ≤ 500µA
Logic 0
+0.4
V
I
SINK ≤ 1.6mA
Leakage (High Z State)
±40
µA
Data bits only
Capacitance
5
pF
Parallel Data Output Codes
Unipolar
Positive true binary
Bipolar
Positive true offset binary
REFERENCE
Internal
10.00
±0.1
V
Output Current
2
mA
Note 1
CONVERSION TIME
HS574A
12–Bit Conversion
13
25
µs
8–Bit Conversion
10
19
µs
SP674A
12–Bit Conversion
9
15
µs
8–Bit Conversion
6
11.25
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com