Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SP674AB Datasheet(PDF) 4 Page - Sipex Corporation

No. de pieza SP674AB
Descripción Electrónicos  12-bit Sampling A/D Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIPEX [Sipex Corporation]
Página de inicio  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP674AB Datasheet(HTML) 4 Page - Sipex Corporation

  SP674AB Datasheet HTML 1Page - Sipex Corporation SP674AB Datasheet HTML 2Page - Sipex Corporation SP674AB Datasheet HTML 3Page - Sipex Corporation SP674AB Datasheet HTML 4Page - Sipex Corporation SP674AB Datasheet HTML 5Page - Sipex Corporation SP674AB Datasheet HTML 6Page - Sipex Corporation SP674AB Datasheet HTML 7Page - Sipex Corporation SP674AB Datasheet HTML 8Page - Sipex Corporation SP674AB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
6
SPECIFICATIONS (continued)
(Typical @ 25
°C with V
CC = +15V, VEE = 0V, VLOGIC = +5V unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Power Dissipation
HS574A
110
150
mW
SP674A
110
150
mW
ENVIRONMENTAL
Operating Temperature Range
–J, –K, –L
0
+70
°C
–S, –T, –U
–55
+125
°C
Storage Temperature Range
–J, –K, –L
–40
+85
°C
–A, –S, –T, –U
–65
+150
°C
Notes:
1.
Available for external loads. External load should not change during conversion. When supplying an
external load and operating on a +12V supply, a buffer amplifier must be provided for the reference
output.
2.
Minimum resolution for which no missing codes are guaranteed.
3.
Externally adjustable to zero. See
Calibration information.
4.
Fixed 50
Ω resistor between REF OUT and REF IN.
5.
+13.5V
≤ V
CC ≤ +16.5V or +11.4V ≤ VCC ≤ +12.6V.
6.
Specifications are identical for all models unless otherwise noted.
PIN ASSIGNMENTS…
PIN
FUNCTION
PIN
FUNCTION
1V
LOGIC
28
STS
2
12/8
27
DB
11(MSB)
3CS
26
DB
10
4A
0
25
DB
9
5
R/C
24
DB
8
6CE
23
DB
7
7V
CC
22
DB
6
8
REF OUT
21
DB
5
9
ANA GND(AC)
20
DB
4
10
REF IN
19
DB
3
11
N/C*
18
DB
2
12
BIP OFF
17
DB
1
13
10V
IN
16
DB
0(LSB)
14
20V
IN
15
DIG. GND
*HS574A – This pin is not connected to the device; it
can be tied to –15V, ground, or left floating.
*SP674A – This pin is not connected to the device; V
EE
is generated internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com