Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SP674AB Datasheet(PDF) 3 Page - Sipex Corporation

No. de pieza SP674AB
Descripción Electrónicos  12-bit Sampling A/D Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIPEX [Sipex Corporation]
Página de inicio  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP674AB Datasheet(HTML) 3 Page - Sipex Corporation

  SP674AB Datasheet HTML 1Page - Sipex Corporation SP674AB Datasheet HTML 2Page - Sipex Corporation SP674AB Datasheet HTML 3Page - Sipex Corporation SP674AB Datasheet HTML 4Page - Sipex Corporation SP674AB Datasheet HTML 5Page - Sipex Corporation SP674AB Datasheet HTML 6Page - Sipex Corporation SP674AB Datasheet HTML 7Page - Sipex Corporation SP674AB Datasheet HTML 8Page - Sipex Corporation SP674AB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
5
SPECIFICATIONS (continued)
(Typical @ 25
°C with V
CC = +15V, VEE = 0V, VLOGIC = +5V unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
ACCURACY
Linearity Error @ 25
°C
–J, –S
±1.0
LSB
@ 25
°C and T
MIN to TMAX
–K, –L, –T, –U
±0.5
LSB
@ 25
°C and T
MIN to TMAX
Differential Linearity Error
Note 2
–J, –S
11
Bits
@ 25
°C
11
Bits
T
MIN to TMAX
–K, –L, –T, –U
12
Bits
@ 25
°C
12
Bits
T
MIN to TMAX
Offset
Note3
Unipolar
±2
LSB
Bipolar
–J, –S
±10
LSB
–K, –L, –T, –U
±4
LSB
Full Scale (Gain) Error
% of full scale; T
MIN to TMAX
±0.3
%FS
Note 4
–J
±0.5
%FS
No adjustment @ 25
°C
±0.22
%FS
With adjustment @ 25
°C
–K
±0.4
%FS
No adjustment @ 25
°C
±0.12
%FS
With adjustment @ 25
°C
–L
±0.35
%FS
No adjustment @ 25
°C
±0.05
%FS
With adjustment @ 25
°C
–S
±0.8
%FS
No adjustment @ 25
°C
±0.5
%FS
With adjustment @ 25
°C
–T
±0.6
%FS
No adjustment @ 25
°C
±0.25
%FS
With adjustment @ 25
°C
–U
±0.4
%FS
No adjustment @ 25
°C
±0.12
%FS
With adjustment @ 25
°C
STABILITY
Unipolar Offset
–J
±10
ppm/
°CT
MIN to TMAX
–K, –L, –S
±5
ppm/
°CT
MIN to TMAX
–T, –U
±2.5
ppm/
°CT
MIN to TMAX
Bipolar Offset
–J, –S
±10
ppm/
°CT
MIN to TMAX
–K, –L, –T
±5
ppm/
°CT
MIN to TMAX
–U
±2.5
ppm/
°CT
MIN to TMAX
Gain (Scale Factor)
–J, –S
±50
ppm/
°CT
MIN to TMAX
–K, –T
±25
ppm/
°CT
MIN to TMAX
–L, –U
±10
ppm/
°CT
MIN to TMAX
PSRR
V
LOGIC
±0.5
LSB
+4.5V
≤ V
LOGIC ≤ +5.5V
V
CC
Note 5
–J, –S
±2
LSB
–K, –L, –T, –U
±1
LSB
POWER REQUIREMENTS
V
LOGIC
+4.5
+5.5
V
I
LOGIC
HS574A
13
mA
SP674A
13
mA
V
CC
+11.4
+16.5
V
I
CC
HS574A
79
mA
SP674A
79
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com