Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/FIVE Datasheet(PDF) 57 Page - Renesas Technology Corp

No. de pieza RZ/FIVE
Descripción Electrónicos  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/FIVE Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button RZ/FIVE Datasheet HTML 53Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 54Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 55Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 56Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 57Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 58Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 59Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 60Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 57 of 83
Jul 28, 2022
2.12
GreenPAK
Figure 2.15 shows a block diagram of the GreenPAK.
This board is implemented several types of the GreenPAK with integrated various peripheral functions. Table 2.3
shows a function of the each GreenPAK used with this board.
Figure 2.15
Block Diagram of Each GreenPAK
Table 2.3
Features of Each GreenPAK
Type Name
Description
SLG7RN45314
SMARC Boot Mode
SD0_CD / GPIO4 multiplexing
SD0_PWR_SEL / ADC_TRG multiplexing
SD0_DEV_SEL (microSD card or eMMC)
SLG7RN45315
USB0/1
Logic for EN_OC#
Etehnet0/1
Logic for interrupt level shifting
LINK Active LED drive
SLG7RN45356
Reset Logic
SMARC Carrier Power ON
Ethernet0/1
LINK LED drive
LINK status inversion
The pin configuration and of each GreenPAK is described in the next section. Please refer to the following data sheet
included with the design data in detail.
● SLG7RN45314_DS_r014_12152021.pdf
● SLG7RN45315_DS_r011_10292021.pdf
● SLG7RN45356_DS_r010_11012021.pdf
RZ/A3UL SMARC Module Board
OCTAL Edition
RZ/A3UL SMARC Module Board
QSPI Edition
RZ/G2UL SMARC Module Board
RZ/Five SMARC Module Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com