Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/FIVE Datasheet(PDF) 69 Page - Renesas Technology Corp

No. de pieza RZ/FIVE
Descripción Electrónicos  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/FIVE Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button RZ/FIVE Datasheet HTML 65Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 66Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 67Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 68Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 69Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 70Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 71Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 72Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
4. Parallel to HDMI Converision Board
R01UH0990EJ0101
Rev.1.01
Page 69 of 83
Jul 28, 2022
4.
Parallel to HDMI Converision Board
4.1
Configuration
The Parallel to HDMI Conversion Board is connected to the FFC/FPC Connector (CN5) described in the section
3.1.5 to realize parallel output via the 50mm FPC.
Figure 4.1 shows an example of system configuration using the Parallel to HDMI Conversion Board.
Figure 4.1
Example of System Configuration Using the Parallel to HDMI Conversion Board
(*1): Should be procured on the customer side
SCIF download
(for bootloader
programming)
Host computer
Parallel to HDMI
Conversion Board
RZ/G2UL
50mm
FPC
Parallel Output
Power supply through
USB Type-C
AC adapter(*1)
RZ/G2UL SMARC Module Board
RTK9743U11C01000BE
RZ SMARC Series Carrier Board
RTK97X4XXXB00000BE
RZ/A3UL SMARC Module Board
QSPI Edition
RZ/G2UL SMARC Module Board
RZ/A3UL SMARC Module Board
OCTAL Edition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com