| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RZ/FIVE Datasheet(PDF) 67 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/FIVE Datasheet(HTML) 67 Page - Renesas Technology Corp |
|
67 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 3. Operation Specifications R01UH0990EJ0101 Rev.1.01 Page 67 of 83 Jul 28, 2022 Table 3.6 provides functions of the DIP switch and Figure 3.9 indicates a default terminal state. Table 3.6 Functions of System Setting DIP Switch (SW1) No. Setting Function SW1-1 DEBUGEN OFF DEBUGEN= “H” JTAG debugging ON DEBUGEN= “L” Normal operation (default) SW1-2 Selection SD/MMC OFF Selection= “H” Select the eMMC memory (default) ON Selection= “L” Select the microSD card SW1-3 Selection Ethernet0/Peripherals OFF Selection= “H” Select the CAN0, Can1, RSPI1, SSI1 signals (default) ON Selection= “L” Select the Ethernet0 signals Figure 3.9 Default Setting of System Setting DIP Switch (SW1) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |