| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RZ/FIVE Datasheet(PDF) 70 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/FIVE Datasheet(HTML) 70 Page - Renesas Technology Corp |
|
70 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 4. Parallel to HDMI Converision Board R01UH0990EJ0101 Rev.1.01 Page 70 of 83 Jul 28, 2022 The connection procedure of the 50mm FPC is follows. The top and bottom surfaces of the FPC are shown below. Top surface Bottom surface Figure 4.2 Top and Bottom Views of the 50mm FPC 1. Lift up the actuator. Use thumb or index finger. Figure 4.3 How to install the 50mm FPC (1) 2. Fully insert the FPC in the connector parallel to mounting surface, with the exposed conductive traces facing down Figure 4.4 How to install the 50mm FPC (2) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |