Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STK184N4F7AG Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STK184N4F7AG
Descripción Electrónicos  Automotive-grade N-channel 40 V, 1.6typ., 100 A, STripFET™ F7 Power MOSFET in an LFPAK 5x6 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK184N4F7AG Datasheet(HTML) 5 Page - STMicroelectronics

  STK184N4F7AG Datasheet HTML 1Page - STMicroelectronics STK184N4F7AG Datasheet HTML 2Page - STMicroelectronics STK184N4F7AG Datasheet HTML 3Page - STMicroelectronics STK184N4F7AG Datasheet HTML 4Page - STMicroelectronics STK184N4F7AG Datasheet HTML 5Page - STMicroelectronics STK184N4F7AG Datasheet HTML 6Page - STMicroelectronics STK184N4F7AG Datasheet HTML 7Page - STMicroelectronics STK184N4F7AG Datasheet HTML 8Page - STMicroelectronics STK184N4F7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Figure 7. Capacitance variations
GADG191220181228CVR
10 4
10 3
10 2
10 1
0
10
20
30
40
C
(pF)
VDS (V)
CISS
COSS
CRSS
f = 1 MHz
Figure 8. Normalized V(BR)DSS vs temperature
GADG191220181230BDV
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.94
-75
-25
25
75
125
175
V(BR)DSS
(norm.)
Tj (°C)
ID = 1 mA
Figure 9. Normalized gate threshold voltage vs
temperature
GADG191220181547VTH
1.2
1.0
0.8
0.6
0.4
0.2
-75
-25
25
75
125
175
VGS(th)
(norm.)
Tj (°C)
ID = 250 µA
Figure 10. Normalized on-resistance vs temperature
GADG191220181229RON
1.8
1.6
1.4
1.2
1.0
0.8
0.6
-75
-25
25
75
125
175
RDS(on)
(norm.)
Tj (°C)
VGS = 10 V
Figure 11. Source-drain diode forward characteristics
GADG191220181230SDF
1.0
0.9
0.8
0.7
0.6
0.5
0.4
10
30
50
70
90
VSD
(V)
ISD (A)
TJ = 175 °C
TJ = 25 °C
TJ = -55 °C
STK184N4F7AG
Electrical characteristics (curves)
DS12627 - Rev 2
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com