Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STK184N4F7AG Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza STK184N4F7AG
Descripción Electrónicos  Automotive-grade N-channel 40 V, 1.6typ., 100 A, STripFET™ F7 Power MOSFET in an LFPAK 5x6 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK184N4F7AG Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STK184N4F7AG Datasheet HTML 4Page - STMicroelectronics STK184N4F7AG Datasheet HTML 5Page - STMicroelectronics STK184N4F7AG Datasheet HTML 6Page - STMicroelectronics STK184N4F7AG Datasheet HTML 7Page - STMicroelectronics STK184N4F7AG Datasheet HTML 8Page - STMicroelectronics STK184N4F7AG Datasheet HTML 9Page - STMicroelectronics STK184N4F7AG Datasheet HTML 10Page - STMicroelectronics STK184N4F7AG Datasheet HTML 11Page - STMicroelectronics STK184N4F7AG Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
4.1
LFPAK 5x6 package information
Figure 18. LFPAK 5x6 package outline
00299525_A
STK184N4F7AG
LFPAK 5x6 package information
DS12627 - Rev 2
page 8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com