Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STK184N4F7AG Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STK184N4F7AG
Descripción Electrónicos  Automotive-grade N-channel 40 V, 1.6typ., 100 A, STripFET™ F7 Power MOSFET in an LFPAK 5x6 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK184N4F7AG Datasheet(HTML) 1 Page - STMicroelectronics

  STK184N4F7AG Datasheet HTML 1Page - STMicroelectronics STK184N4F7AG Datasheet HTML 2Page - STMicroelectronics STK184N4F7AG Datasheet HTML 3Page - STMicroelectronics STK184N4F7AG Datasheet HTML 4Page - STMicroelectronics STK184N4F7AG Datasheet HTML 5Page - STMicroelectronics STK184N4F7AG Datasheet HTML 6Page - STMicroelectronics STK184N4F7AG Datasheet HTML 7Page - STMicroelectronics STK184N4F7AG Datasheet HTML 8Page - STMicroelectronics STK184N4F7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LFPAK 5x6
TAB
2
3
4
1
G4S123DTAB_LFPAK
D(TAB)
G(4)
S(1, 2, 3)
Features
Order code
V DS
RDS(on) max.
ID
STK184N4F7AG
40 V
2.0 mΩ
100 A
AEC-Q101 qualified
Among the lowest RDS(on) on the market
Excellent FoM (figure of merit)
Low Crss/Ciss ratio for EMI immunity
High avalanche ruggedness
Applications
Switching applications
Description
This N-channel Power MOSFET utilizes STripFET™ F7 technology with an
enhanced trench gate structure that results in very low on-state resistance, while also
reducing internal capacitance and gate charge for faster and more efficient switching.
Product status link
STK184N4F7AG
Product summary
Order code
STK184N4F7AG
Marking
184N4F7AG
Package
LFPAK 5x6
Packing
Tape and reel
Automotive-grade N-channel 40 V, 1.6 mΩ typ., 100 A, STripFET™ F7
Power MOSFET in an LFPAK 5x6 package
STK184N4F7AG
Datasheet
DS12627 - Rev 2 - January 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Número de pieza similar - STK184N4F7AG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
STK1820F AUK-STK1820F Datasheet
467Kb / 8P
Advanced Power MOSFET
logo
VBsemi Electronics Co.,...
STK1820F VBSEMI-STK1820F Datasheet
1Mb / 9P
N-Channel 200 V (D-S) MOSFET
logo
AUK corp
STK1828EF AUK-STK1828EF Datasheet
284Kb / 4P
N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
N-Channel Enhancement-Mode MOSFET
STK1828M AUK-STK1828M Datasheet
279Kb / 4P
N-Channel Enhancement-Mode MOSFET
More results

Descripción similar - STK184N4F7AG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STK130N4LF7AG STMICROELECTRONICS-STK130N4LF7AG Datasheet
234Kb / 12P
Automotive N-channel 40 V, 2.4 mΩ typ., 100 A, STripFET F7 Power MOSFET in an LFPAK 5x6 package
28-Sep-2021
STK224N4F7AG STMICROELECTRONICS-STK224N4F7AG Datasheet
445Kb / 13P
Automotive-grade N-channel 40 V, 1.2 m typ., 100 A STripFET™ F7 Power MOSFET in a LFPAK 5x6 package
January 2019 Rev 2
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STL52DN4LF7AG STMICROELECTRONICS-STL52DN4LF7AG Datasheet
1,018Kb / 16P
Automotive-grade dual N-channel 40 V, 9 mΩ typ., 18 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
18-Dec-2017
STH80N10LF7-2AG STMICROELECTRONICS-STH80N10LF7-2AG Datasheet
626Kb / 14P
Automotive-grade N-channel 100 V, 7 mΩ typ., 80 A, STripFET™ F7 Power MOSFET in an H2PAK-2 package
14-Jan-2019
STL105DN4LF7AG STMICROELECTRONICS-STL105DN4LF7AG Datasheet
965Kb / 16P
Automotive-grade dual N-channel 40 V, 3.5 mΩ typ., 40 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
10-Jan-2018
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
03-Apr-2019
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
10-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com