Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STL33N60M6 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STL33N60M6
Descripción Electrónicos  N-channel 600 V, 0.115 typ., 21 A MDmesh™ M6 Power MOSFET in a PowerFLAT™ 8x8 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL33N60M6 Datasheet(HTML) 5 Page - STMicroelectronics

  STL33N60M6 Datasheet HTML 1Page - STMicroelectronics STL33N60M6 Datasheet HTML 2Page - STMicroelectronics STL33N60M6 Datasheet HTML 3Page - STMicroelectronics STL33N60M6 Datasheet HTML 4Page - STMicroelectronics STL33N60M6 Datasheet HTML 5Page - STMicroelectronics STL33N60M6 Datasheet HTML 6Page - STMicroelectronics STL33N60M6 Datasheet HTML 7Page - STMicroelectronics STL33N60M6 Datasheet HTML 8Page - STMicroelectronics STL33N60M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GIPG200620181213SOA
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp =1 µs
tp =10 µs
tp =1 ms
tp =10 ms
tp =100 µs
Operation in this area is
limited by R DS(on)
single pulse
TJ≤150 °C
TC=25 °C
VGS=10 V
Figure 2. Thermal impedance
PowerFLAT8x8HVzth
10 -1
10 -2
10 -5
10 -4
10 -3
10 -2
K
t p (s)
Single pulse
δ =0.01
δ =0.1
δ =0.2
δ =0.5
δ =0.05
δ =0.02
Z th =K*R thj-c
δ=t p / Ƭ
tp
Ƭ
Figure 3. Output characteristics
GIPG150620181232OCH
70
60
50
40
30
20
10
0
0
4
8
12
16
ID
(A)
VDS (V)
VGS =7 V
VGS =6 V
VGS = 9, 10 V
VGS =5 V
VGS =8 V
Figure 4. Transfer characteristics
GIPG150620181233TCH
70
60
50
40
30
20
10
0
3
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS = 20 V
Figure 5. Gate charge vs gate-source voltage
GIPG150620181237QVG
12
10
8
6
4
2
0
600
500
400
300
200
100
0
0
8
16
24
32
40
VGS
(V)
VDS
(V)
Qg (nC)
VDD = 480 V
ID = 25 A
VDS
Figure 6. Static drain-source on-resistance
GIPG260620180835RID
0.125
0.120
0.115
0.110
0.105
0
4
8
12
16
20
RDS(on)
(Ω)
ID (A)
VGS = 10 V
STL33N60M6
Electrical characteristics (curves)
DS12638 - Rev 3
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com