Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STL33N60M6 Datasheet(PDF) 14 Page - STMicroelectronics

No. de pieza STL33N60M6
Descripción Electrónicos  N-channel 600 V, 0.115 typ., 21 A MDmesh™ M6 Power MOSFET in a PowerFLAT™ 8x8 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL33N60M6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STL33N60M6 Datasheet HTML 7Page - STMicroelectronics STL33N60M6 Datasheet HTML 8Page - STMicroelectronics STL33N60M6 Datasheet HTML 9Page - STMicroelectronics STL33N60M6 Datasheet HTML 10Page - STMicroelectronics STL33N60M6 Datasheet HTML 11Page - STMicroelectronics STL33N60M6 Datasheet HTML 12Page - STMicroelectronics STL33N60M6 Datasheet HTML 13Page - STMicroelectronics STL33N60M6 Datasheet HTML 14Page - STMicroelectronics STL33N60M6 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Contents
1
Electrical ratings ..................................................................2
2
Electrical characteristics...........................................................3
2.1
Electrical characteristics (curves) ................................................. 5
3
Test circuits .......................................................................7
4
Package information...............................................................8
4.1
PowerFLAT™ 8x8 HV package information......................................... 8
4.2
PowerFLAT™ 8x8 HV packing information ........................................ 10
Revision history .......................................................................13
STL33N60M6
Contents
DS12638 - Rev 3
page 14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com