Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTM4652 Datasheet(PDF) 35 Page - Analog Devices

No. de pieza LTM4652
Descripción Electrónicos  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTM4652 Datasheet(HTML) 35 Page - Analog Devices

Back Button LTM4652 Datasheet HTML 30Page - Analog Devices LTM4652 Datasheet HTML 31Page - Analog Devices LTM4652 Datasheet HTML 32Page - Analog Devices LTM4652 Datasheet HTML 33Page - Analog Devices LTM4652 Datasheet HTML 34Page - Analog Devices LTM4652 Datasheet HTML 35Page - Analog Devices LTM4652 Datasheet HTML 36Page - Analog Devices LTM4652 Datasheet HTML 37Page - Analog Devices LTM4652 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
LTM4652
35
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 35. LTM4652 Regulating –5V at Up to ±32A (at 9VIN); See Demo Boards DC3230A and DC3195A for More
Details (Including Performance of PolyPhase and Multimodule Parallel Applications)
4652 F35
LTM4652
VIN
RUN1
RUN2
TRACK1
TRACK2
fSET
COUT1
220µF
6.3V
×8
PHASMD
VOUT1
VOUTS1
VFB1
VFB2
COMP1
COMP2
VOUT1
PGOOD2
PGOOD
MODE_PLLIN
INTVCC
PGOOD1
PGOOD
R2
10k
INTVCC
SGND
GND
DIFFN
DIFFP
DIFFOUT
CTH
47nF
RTH
2k
C9
0.1µF
C10
4.7µF
INTVCC
VIN
4.5V TO 13V
RUN
LOAD
PINS NOT USED IN THIS CIRCUIT:
CLKOUT, SW1, SW2, VOUTS2, TEMP+, TEMP–, VINOVP
CINOUT
22µF
25V
×2
CIN
22µF
16V
×8
VOUT–
INTVCC
VOUT–
VOUT–
VOUT–
–5V
(UP TO ±32A, 9VIN)
EXTVCC
R5
8.25k
CTHP
330pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com