Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTM4652 Datasheet(PDF) 14 Page - Analog Devices

No. de pieza LTM4652
Descripción Electrónicos  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTM4652 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM4652 Datasheet HTML 10Page - Analog Devices LTM4652 Datasheet HTML 11Page - Analog Devices LTM4652 Datasheet HTML 12Page - Analog Devices LTM4652 Datasheet HTML 13Page - Analog Devices LTM4652 Datasheet HTML 14Page - Analog Devices LTM4652 Datasheet HTML 15Page - Analog Devices LTM4652 Datasheet HTML 16Page - Analog Devices LTM4652 Datasheet HTML 17Page - Analog Devices LTM4652 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
LTM4652
14
Rev. 0
For more information www.analog.com
The typical LTM4652 application circuit is shown in
Figure  31. External component selection is primarily
determined by the maximum load current and output
voltage. Refer to Table 6 for specific external capacitor
requirements for a 25% or a 50% load step application.
Output Total DC Accuracy and AC Transient
Performance
In modern ASIC and FPGA power supply designs, a tight
total voltage regulation window, ±3% for example, is
required of the supply powering the core and periphery. To
meet this requirement, the supply’s DC voltage variance
plus any AC voltage variation which may occur during any
load step transient must fall within this allowed window.
The DC voltage variance is determined by the accuracies
of the supply’s reference voltage, resistor divider, load
regulation and line regulation over the operating tempera-
ture range. The AC voltage variance is determined by the
supply’s output voltage overshoot and undershoots in
response to a load transient condition for a given output
capacitor network.
Figure 2 shows a typical load step transient response
waveform together with DC voltage accuracy variance. For
a given allowable voltage regulation window, a tighter DC
voltage accuracy allows more margin for the AC variation
due to a load transient response. This increased margin
for AC variation allows for a reduction in the total out-
put capacitance required to meet the regulation window
requirement. This allows for a reduced total solution cost
and footprint area.
APPLICATIONS INFORMATION
Figure 2. Typical Load Step Transient Response with
DC Voltage Accuracy Variance
Figure 3. Overall Output Capacitor vs Total
DC Accuracy
ALLOWABLE
REGULATION
WINDOW
DC ACCURACY
LOAD STEP
AC OVERSHOOT
AC UNDERSHOOT
4652 F02
TOTAL DC ACCURACY (%)
9000
8000
6000
4000
2000
7000
5000
3000
1000
0
0.8
1.2
4652 F03
1.5
2.0
1.0
3700
8000
4000
4500
5400
For example, in an FPGA core voltage application, for a 12V
input, 1.0V output at 100A design, a total overall ±3% total
voltage regulation window is required in responding to a
25% load step transient. Figure 3 illustrates the benefit of
overall output capacitor reduction versus improved total
DC accuracy by using 100µF ceramic output capacitors.
VIN to VOUT Step-Down Ratios
There are restrictions in the maximum VIN and VOUT step-
down ratio that can be achieved for a given input voltage.
Each output of the LTM4652 is capable of 98% duty cycle,
but the VIN to VOUT minimum dropout is still shown as a
function of its load current and will limit output current
capability related to high duty cycle on the top side switch.
Minimum on-time tON(MIN) is another consideration in
operating at a specified duty cycle while operating at a
certain frequency due to the fact that tON(MIN) < D/fSW,
where D is duty cycle and fSW is the switching frequency.
tON(MIN) is specified in the electrical parameters as 90ns.
Output Voltage Programming
The PWM controller has an internal 0.6V reference voltage.
As shown in the Figure 1 (Simplified Block Diagram), a
60.4k internal feedback resistor connects between the
VOUTS1 to VFB1 and VOUTS2 to VFB2. It is very important
that these pins be connected to their respective outputs
for proper feedback regulation. Overvoltage can occur if
these VOUTS1 and VOUTS2 pins are left floating when used
as individual regulators, or at least one of them is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com