Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTM4652 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza LTM4652
Descripción Electrónicos  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTM4652 Datasheet(HTML) 5 Page - Analog Devices

  LTM4652 Datasheet HTML 1Page - Analog Devices LTM4652 Datasheet HTML 2Page - Analog Devices LTM4652 Datasheet HTML 3Page - Analog Devices LTM4652 Datasheet HTML 4Page - Analog Devices LTM4652 Datasheet HTML 5Page - Analog Devices LTM4652 Datasheet HTML 6Page - Analog Devices LTM4652 Datasheet HTML 7Page - Analog Devices LTM4652 Datasheet HTML 8Page - Analog Devices LTM4652 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LTM4652
5
Rev. 0
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4652 is tested under pulsed-load conditions such that
TJ ≈ TA. The LTM4652E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the –40°C to 125°C internal operating temperature range are assured
by design, characterization and correlation with statistical process
controls. The LTM4652I is guaranteed to meet specifications over the
full –40°C to 125°C internal operating temperature range. Note that the
maximum ambient temperature consistent with these specifications
is determined by specific operating conditions in conjunction
with board layout, the rated package thermal resistance and other
environmental factors.
Note 3: Two outputs are tested separately and the same testing condition
is applied to each output.
Note 4: The LTM4652 device is designed to operate best from 400kHz
to 780kHz. For some applications such as 1VOUT, operation at 300kHz is
acceptable—but not ATE-tested in production.
Note 5: These parameters are tested at wafer sort.
Note 6: See output current derating curve for different ambient
temperature.
Note 7: Total DC output voltage error includes all errors over
temperature—reference, line and load regulation as well as the tolerance
of the integrated top feedback resistor.
Note 8: Transient response and load step performance are layout
dependent and thus application-specific. Typical values are
reported from lab Demo Board evaluation. Evaluation in application
demonstrates capability.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range. Specified as each individual output channel (Note 3). TA = 25°C (Note 2), VIN = 12V, VRUN1, VRUN2 at 5V
and IOUT1, IOUT2 at 0A unless otherwise noted. Per the typical application in Figure 31.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT(MAX)
Maximum Output Voltage
IDIFFOUT = 300µA
INTVCC – 1.4
V
GBW
Gain Bandwidth Product
3
MHz
�VTEMP
Diode Connected PNP
ITEMP+ = 100µA, ITEMP– = –100µA
0.6
V
TC
Temperature Coefficient
l
–2.2
mV/C
η
Ideality Factor
1.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com