Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTM4652 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza LTM4652
Descripción Electrónicos  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTM4652 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM4652 Datasheet HTML 6Page - Analog Devices LTM4652 Datasheet HTML 7Page - Analog Devices LTM4652 Datasheet HTML 8Page - Analog Devices LTM4652 Datasheet HTML 9Page - Analog Devices LTM4652 Datasheet HTML 10Page - Analog Devices LTM4652 Datasheet HTML 11Page - Analog Devices LTM4652 Datasheet HTML 12Page - Analog Devices LTM4652 Datasheet HTML 13Page - Analog Devices LTM4652 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
LTM4652
10
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
VOUT1 (Pins A1–A5, B1–B5, C1–C4): Power Output Pins.
Apply output load between these pins and GND pins.
Recommend placing output decoupling capacitance
directly between these pins and GND pins. Review Table 6.
GND (Pins A6–A7, B6–B7, D1–D4, D9–D12, E1–E4, E10–
E12, F1–F3, F10–F12, G1, G3, G10, G12, H1–H4, H7, H9–
H12, J1, J5, J8, J12, K1, K5–K8, K12, L1, L12, M1, M12):
Power Ground Pins for Both Input and Output Returns.
VOUT2 (Pins A8–A12, B8–B12, C9–C12): Power Output
Pins. Apply output load between these pins and GND
pins. Recommend placing output decoupling capacitance
directly between these pins and GND pins. Review Table 6.
VOUTS1, VOUTS2 (Pins C5, C8): This pin is connected
to the top of the internal top feedback resistor for each
output. The pin can be directly connected to its specific
output, or connected to DIFFOUT when the remote sense
amplifier is used. In paralleling modules, one of the VOUTS
pins is connected to the DIFFOUT pin in remote sensing or
directly to VOUT with no remote sensing. It is very import-
ant to connect these pins to either the DIFFOUT or VOUT
since this is the feedback path, and cannot be left open.
See the Applications Information section.
fSET (Pin C6): Frequency Set Pin. A 9.5µA current is
sourced from this pin. A resistor from this pin to ground
sets a voltage that in turn programs the operating fre-
quency. Alternatively, this pin can be driven with a DC
voltage that can set the operating frequency. See the
Applications Information section.
SGND (Pins C7, D6, G6–G7, F6–F7): Signal Ground Pin.
Return ground path for all analog and low power circuitry.
Tie a single connection to the output capacitor GND in the
application. See layout guidelines in Figure 30.
VFB1, VFB2 (Pins D5, D7): The Negative Input of the
Error Amplifier for Each Channel. Internally, this pin is
connected to VOUTS1 or VOUTS2 with a 60.4k precision
resistor. Different output voltages can be programmed
with an additional resistor between VFB and GND pins. In
PolyPhase® operation, tying the VFB pins together allows
for parallel operation. See the Applications Information
section for details. Do not drive this pin.
TRACK1, TRACK2 (Pins E5, D8): Output Voltage Tracking
Pin and Soft-Start Inputs. Each channel has a 1.25µA
pull-up current source. When one channel is configured to
be master of the two channels, then a capacitor from this
pin to ground will set a soft-start ramp rate. The remaining
channel can be set up as the slave, and have the master’s
output applied through a voltage divider to the slave out-
put’s TRACK pin. This voltage divider is equal to the slave
output’s feedback divider for coincidental tracking. See
the Applications Information section.
COMP1, COMP2 (Pins E6, E7): Current control threshold
and error amplifier compensation point for each chan-
nel. The current comparator threshold increases with this
control voltage. COMP pin internal has 10pF filter cap to
SGND. An external RC filter circuit is required for control
loop compensation. See Applications Information section.
Tie the COMP pins together for parallel operation. Do not
drive this pin.
DIFFP (Pin E8): Positive input of the remote sense ampli-
fier. This pin is connected to the remote sense point of the
output voltage. Diffamp can be used for ≤3.3V outputs.
See the Applications Information section.
DIFFN (Pin E9): Negative input of the remote sense ampli-
fier. This pin is connected to the remote sense point of the
output GND. Diffamp can be used for ≤3.3V outputs. See
the Applications Information section.
MODE_PLLIN (Pin F4): Forced Continuous Mode or Pulse-
Skipping Mode Selection Pin and External Synchronization
Input to Phase Detector Pin. Connect this pin to SGND to
force both channels into forced continuous mode of oper-
ation. Connect to INTVCC to enable pulse-skipping mode
of operation. A clock on the pin will force both channels
into continuous mode of operation and synchronized to
the external clock applied to this pin.
Note that this module is designed to conduct bidirectional
output current. When pulse-skipping mode is selected,
there is no way for the control loop to command instan-
taneous inductor current below 0A except by deliberately
(Recommended to use test points to monitor signal pin connections.)
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com