Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

T1250H Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza T1250H
Descripción Electrónicos  High temperature 12 A Snubberless™ Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1250H Datasheet(HTML) 6 Page - STMicroelectronics

Back Button T1250H Datasheet HTML 2Page - STMicroelectronics T1250H Datasheet HTML 3Page - STMicroelectronics T1250H Datasheet HTML 4Page - STMicroelectronics T1250H Datasheet HTML 5Page - STMicroelectronics T1250H Datasheet HTML 6Page - STMicroelectronics T1250H Datasheet HTML 7Page - STMicroelectronics T1250H Datasheet HTML 8Page - STMicroelectronics T1250H Datasheet HTML 9Page - STMicroelectronics T1250H Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ordering information scheme
T1235H, T1250H
6/10
Doc ID 13574 Rev 2
2
Ordering information scheme
Figure 13.
Ordering information scheme
T 12 xx H - 6 y
-TR
Triac series
Current
Sensitivity
Package
12 = 12 A
35 = 35 mA
50 = 50 mA
G = D2PAK
High temperature
Voltage
Packing
6 = 600 V
T = TO-220AB
I = TO-220AB Ins
Blank = Tube (D2PAK, TO-220AB)
-TR = Tape and reel (D2PAK)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com