Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

T1250H Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza T1250H
Descripción Electrónicos  High temperature 12 A Snubberless™ Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1250H Datasheet(HTML) 1 Page - STMicroelectronics

  T1250H Datasheet HTML 1Page - STMicroelectronics T1250H Datasheet HTML 2Page - STMicroelectronics T1250H Datasheet HTML 3Page - STMicroelectronics T1250H Datasheet HTML 4Page - STMicroelectronics T1250H Datasheet HTML 5Page - STMicroelectronics T1250H Datasheet HTML 6Page - STMicroelectronics T1250H Datasheet HTML 7Page - STMicroelectronics T1250H Datasheet HTML 8Page - STMicroelectronics T1250H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
September 2011
Doc ID 13574 Rev 2
1/10
10
T1235H, T1250H
High temperature 12 A Snubberless™ Triacs
Features
■ Medium current Triac
■ 150 °C max. Tj turn-off commutation
■ Low thermal resistance with clip bonding
■ Very high 3 quadrant commutation capability
■ Packages are RoHS (2002/95/EC) compliant
■ UL certified (ref. file E81734)
Applications
Especially designed to operate in high power
density or universal motor applications such as
vacuum cleaner and washing machine drum
motor, these 12 A Triacs provide a very high
switching capability up to junction temperatures of
150 °C.
The heatsink can be reduced, compared to
traditional Triacs, according to the high
performance at given junction temperatures.
Description
Available in through-hole or surface mount
packages, the T1235H and T1250H Triac series
are suitable for general purpose mains power ac
switching.
By using an internal ceramic pad, the T12xxH-6I
provides voltage insulation (rated at 2500 V rms).
TM: Snubberless is a trademark of STMicroelectronics
Table 1.
Device summary
Symbol
Value
Unit
IT(RMS)
12
A
VDRM/VRRM
600
V
IGT
35 or 50
mA
A2
A1
G
A2
A2
A1
G
A2
A2
A1
G
A2
A1
G
D2PAK
T12xxH-6G
TO-220AB
T12xxH-6T
TO-220AB Insulated
T12xxH-6I
www.st.com


Número de pieza similar - T1250H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
JIEJIE MICROELECTRONICS...
T1250H JIEJIE-T1250H Datasheet
409Kb / 6P
12A TRIACs
Rev.4.0
T1250H-6A JIEJIE-T1250H-6A Datasheet
409Kb / 6P
12A TRIACs
Rev.4.0
T1250H-6B JIEJIE-T1250H-6B Datasheet
409Kb / 6P
12A TRIACs
Rev.4.0
T1250H-6E JIEJIE-T1250H-6E Datasheet
409Kb / 6P
12A TRIACs
Rev.4.0
T1250H-6F JIEJIE-T1250H-6F Datasheet
409Kb / 6P
12A TRIACs
Rev.4.0
More results

Descripción similar - T1250H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
Snubberless high temperature 25 A Triacs
20-Jun-2006
T1635H STMICROELECTRONICS-T1635H Datasheet
123Kb / 10P
Snubberless TM high temperature 16 A Triacs
31-Aug-2006
T2035H STMICROELECTRONICS-T2035H Datasheet
136Kb / 10P
Snubberless??high temperature 20 A Triacs
13-Jul-2006
T2035H STMICROELECTRONICS-T2035H_07 Datasheet
137Kb / 10P
High temperature 20 A Snubberless??TRIACs
15-Nov-2007
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
High temperature 16 A Snubberless™Triacs
20-Sep-2011
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
Snubberless™high temperature 30 A Triacs
20-Sep-2011
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
Snubberless high temperature 30 A Triacs
20-Sep-2011
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
12 A Snubberless™ Triac
19-Dec-2017
T1235T-8I STMICROELECTRONICS-T1235T-8I Datasheet
415Kb / 9P
12 A Snubberless™ Triac
December 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com